Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5520-DS04-405-R Datasheet(PDF) 61 Page - Broadcom Corporation.

Part # 5520-DS04-405-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5520-DS04-405-R Datasheet(HTML) 61 Page - Broadcom Corporation.

Back Button 5520-DS04-405-R Datasheet HTML 57Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 58Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 59Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 60Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 61Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 62Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 63Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 64Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 65Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Auxiliary Mode 2 Register
Page 49
10BASE-T AUXILIARY ERROR & GENERAL STATUS REGISTER
Manchester Code Error
Indicates that a Manchester code violation was received. This bit is only valid during 10BASE-T operation.
End of Frame Error
Indicates that the End Of Frame (EOF) sequence was improperly received, or not received at all. This error bit is only valid
during 10BASE-T operation.
Auto-Negotiation Indication
This read-only bit indicates whether auto-negotiation has been enabled or disabled on the BCM5220. A combination of a 1
in bit 12 of the Control register and a logic 1 on the ANEN input pin is required to enable auto-negotiation. When auto-
negotiation is disabled, bit 15 of the Auxiliary Mode register returns a 0. At all other times, it returns a 1.
Force 100/10 Indication
This read-only bit returns a value of 0 when one of following two cases is true:
•
The ANEN pin is low AND the F100 pin is low. (or)
•
Bit 12 of the Control register has been written 0 AND bit 13 of the Control register has been written 0.
Table 27: 10BASE-T Auxiliary Error & General Status Register (Address 28d, 1Ch)
Bit
Name
R/W
Description
Default
15:11
Reserveda
RO
Ignore when read
00001
10
Manchester Code Error
RO
1 = Manchester code error (10BASE-T)
0
9
End Of Frame Error
RO
1 = EOF detection error (10BASE-T)
0
8
Reserveda
RO
Ignore when read
0
7:5
Reserveda
RO
Ignore when read
001
4
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
RO
Ignore when read
0
3
Auto-Negotiation Indication
RO
1 = Auto-negotiation activated
0 = Speed forced manually
1
2
Force 100/10 Indication
RO
1 = Speed forced to 100BASE-X
0 = Speed forced to 10BASE-T
1
1
Speed Indication
RO
1 = 100BASE-X
0 = 10BASE-T
0
0
Full-duplex Indication
RO
1 = Full-duplex active
0 = Full-duplex not active
0
Note: All Error bits in the Auxiliary Error and General Status register are read-only and are latched high. When certain types
of errors occur in the BCM5201, one or more corresponding error bits become “1”. They remain so until the register is read,
or until a chip reset occurs. All such errors necessarily result in data errors, and are indicated by a high value on the RXER
output pin at the time the error occurs.
Notes: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com