Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5520-DS04-405-R Datasheet(PDF) 70 Page - Broadcom Corporation.

Part # 5520-DS04-405-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5520-DS04-405-R Datasheet(HTML) 70 Page - Broadcom Corporation.

Back Button 5520-DS04-405-R Datasheet HTML 66Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 67Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 68Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 69Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 70Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 71Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 72Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 73Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 74Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 58
Auxiliary Status 4 Register (Shadow Register)
Document
5220-DS04-405-R
Se ction 6: Timing an d AC Char acte r istics
The timing information contained in this section applies to the BCM5220.
All MII Interface pins comply with IEEE 802.3u timing specifications (see Reconciliation Sublayer and Media Independent
Interface in IEEE 802.3u timing specifications). All digital output timing specified at CL = 30 pF.
Output rise/fall times measured between 10% and 90% of the output signal swing. Input rise/fall times measured between
VIL max. and VIH min. Output signal transitions referenced to the midpoint of the output signal swing. Input signal transitions
referenced to the midpoint between VIL max. and VIH min. See Table 37 and Table 38 for the timing parameters. See
Figure 3 for an illustration of clock and reset timing.
Table 37: Clock Timing
Parameter
Symbol
Min
Typ
Max
Unit
XTALI Cycle Time
CK_CYCLE
39.998
40
40.002
ns
XTALI High/Low Time
CK_HI
CK_LO
14
20
26
ns
REF_CLK Cycle Time (MII - 25 MHz)
40
ns
REF_CLK High/Low Time (MII - 25 MHz)
13
20
27
ns
REF_CLK Rise/Fall Time (MII - 25 MHz)
4
ns
REF_CLK Cycle Time (RMII - 50 MHz)
20
2
ns
REF_CLK High/Low Time (RMII - 50 MHz)
7
10
13
ns
REF_CLK Rise/Fall Time (RMII - 50 MHz)
2
ns
Table 38: Reset Timing
Parameter
Symbol
Min
Typ
Max
Unit
Reset Pulse Length with stable XTALI Input (see
note)
RESET_LEN
400
ns
Activity after end of Hardware Reset
RESET_WAIT
100
µs
RESET# Rise/Fall Time
RESET_EDGE
10
ns
Note: During power-on, RESET# pin must be held low to get the BCM5220 to power-up in normal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com