Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5520-DS04-405-R Datasheet(PDF) 68 Page - Broadcom Corporation.

Part # 5520-DS04-405-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5520-DS04-405-R Datasheet(HTML) 68 Page - Broadcom Corporation.

Back Button 5520-DS04-405-R Datasheet HTML 64Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 65Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 66Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 67Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 68Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 69Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 70Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 71Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 72Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 56
Auxiliary Status 3 Register (Shadow Register)
Document
5220-DS04-405-R
AUXILIARY STATUS 3 REGISTER (SHADOW REGISTER)
Noise [7:0]
The BCM5220 provides the current mean squared error value for noise when a valid link is established.
FIFO Consumption [3:0]
The BCM5220 indicates the number of nibbles of FIFO currently used.
AUXILIARY MODE 3 REGISTER (SHADOW REGISTER)
Table 33: Auxiliary Status 3 Register (Shadow Register 28d, 1Ch)
BIt
Name
R/W
DESCRIPTION
Default
15:4
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
R/W
Write as 000h, ignore when read
000h
3:0
FIFO Consumption [3:0]
R/O
Currently utilized number of nibbles in the receive
FIFO
0000
MII Shadow register bank 1 is accessed by setting MII register 1Fh bit 7 to a 1
Table 34: Auxiliary Mode 3 Register (Shadow Register 29d, 1Dh)
BIt
Name
R/W
Description
Default
15:9
Reserveda
R/W
Write as 00h, ignore when read
0
8
Reserveda
R/W
Write as 0, ignore when read
0
7
Reserveda
R/W
Write as 0, ignore when read
0
6
Reserveda
R/W
Write as 0, ignore when read
0
5:4
Reserveda
a. Preserve existing values of reserved bits by completing a “Read/Modify Write.”
R/W
Write as 00, ignore when read
0h
3:0
FIFO Size Select [3:0]
R/W
Currently selected receive FIFO Size
4h
Notes: R/W = Read/Write, RO = Read only, SC = Self Clear, LL = Latched Low, LH = Latched High, LL & LH Clear after
read operation. Use default values of reserved bit(s) when writing to reserved bit(s). MII Shadow register bank 1 is accessed
by setting MII register 1Fh bit 7 to a 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com