Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5520-DS04-405-R Datasheet(PDF) 82 Page - Broadcom Corporation.

Part # 5520-DS04-405-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5520-DS04-405-R Datasheet(HTML) 82 Page - Broadcom Corporation.

Back Button 5520-DS04-405-R Datasheet HTML 78Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 79Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 80Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 81Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 82Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 83Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 84Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 85Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 86Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 90 page
background image
BCM5220
Preliminary Data Sheet
04/20/04
Broa d c om Co rp o r a t i o n
Page 70
Auxiliary Status 4 Register (Shadow Register)
Document
5220-DS04-405-R
Figure 17: RMII Receive Packet Timing
Table 52 describes the RMII 100BASE-X propagation delay timing parameters, and Table 53 describes the RMII 10BASE-T
propagation delay timing parameters.
Table 52: RMII 100BASE-X Propagation Delay Timing
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TD
± after TXEN Assert
TXEN_TDATA
89
ns
TXD to TD
± Steady State Delay
TXD_TDATA
95
ns
CRS_DV Assert after RD
±
RX_CRS_DV
124
ns
CRS_DV Deassert after RD
±, premature end
RX_CRS_DV
164
ns
CRS_DV Deassert after RD
±, valid EOP
RX_CRS_DV_EOP
237
ns
Table 53: RMII 10BASE-T Propagation Delay Timing
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TD
± after TXEN Assert (sampled)
TXEN_TDATA
585
ns
CRS_DV Assert after RD
±
RX_CRS_DV
220
ns
/J/
/K/
Preamble
SFD
Data
0
1
0
0
00
0
0
0
0
0
0
0
0
00
00
00
0
1
11
11
1
X
X
X
X
X
0
0
X
XX
XX
X
X
1
RXD[1]
RXD[0]
CRS_DV
REF_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com