Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5520-DS04-405-R Datasheet(PDF) 69 Page - Broadcom Corporation.

Part # 5520-DS04-405-R
Description  10/100BASE-TX/FX Mini Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5520-DS04-405-R Datasheet(HTML) 69 Page - Broadcom Corporation.

Back Button 5520-DS04-405-R Datasheet HTML 65Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 66Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 67Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 68Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 69Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 70Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 71Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 72Page - Broadcom Corporation. 5520-DS04-405-R Datasheet HTML 73Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 90 page
background image
Preliminary Data Sheet
BCM5220
04/20/04
Broa d c om Co rp o r a t i o n
Document
5220-DS04-405-R
Auxiliary Status 4 Register (Shadow Register)
Page 57
FIFO Size Select [3:0]
The BCM5220 indicates the current selection of receive FIFO size using bit 3 through 0 as shown in Table 35.
AUXILIARY STATUS 4 REGISTER (SHADOW REGISTER)
Packet Length Counter [15:0]
The BCM5220 shows the number bytes in the last packet received. This is valid only when a valid link is established.
Table 35: Current Receive FIFO Size
FIFO Size Select [3:0]
Receive FIFO Size in Use
(# of bits)
0001
16
0010
20
0011
24
0100
28
0101
32
0110
36
0111
40
1000
44
1001
48
1010
52
1011
56
1100
60
1101
64
Table 36: Auxiliary Status 4 Register (Shadow Register 30d, 1Eh)
BIt
Name
R/W
Description
Default
15:0
Packet Length Counter[15:0]
R/O
Number of bytes in the last received packet
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com