Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

28F032B3 Datasheet(PDF) 18 Page - Intel Corporation

Part # 28F032B3
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F032B3 Datasheet(HTML) 18 Page - Intel Corporation

Back Button 28F032B3 Datasheet HTML 14Page - Intel Corporation 28F032B3 Datasheet HTML 15Page - Intel Corporation 28F032B3 Datasheet HTML 16Page - Intel Corporation 28F032B3 Datasheet HTML 17Page - Intel Corporation 28F032B3 Datasheet HTML 18Page - Intel Corporation 28F032B3 Datasheet HTML 19Page - Intel Corporation 28F032B3 Datasheet HTML 20Page - Intel Corporation 28F032B3 Datasheet HTML 21Page - Intel Corporation 28F032B3 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
SMART 3 ADVANCED BOOT BLOCK
E
18
PRELIMINARY
Table 6. Command Bus Definitions(1, 4)
First Bus Cycle
Second Bus Cycle
Command
Notes
Oper
Addr
Data
Oper
Addr
Data
Read Array
Write
X
FFH
Read Identifier
2
Write
X
90H
Read
IA
ID
Read Status Register
Write
X
70H
Read
X
SRD
Clear Status Register
Write
X
50H
Program
3
Write
X
40H / 10H
Write
PA
PD
Block Erase/Confirm
Write
X
20H
Write
BA
D0H
Program/Erase Suspend
Write
X
B0H
Program/Erase Resume
Write
X
D0H
NOTES:
PA: Program Address
PD: Program Data
BA: Block Address
IA: Identifier Address
ID: Identifier Data
SRD: Status Register Data
1.
Bus operations are defined in Table 3.
2.
Following the Intelligent Identifier command, two read operations access manufacturer and device codes. A0 = 0 for
manufacturer code, A0 = 1 for device code. A1—A21 = 0.
3.
Either 40H or 10H command is valid although the standard is 40H.
4.
When writing commands to the device, the upper data bus [DQ 8–DQ15] should be either VIL or VIH, to minimize current
draw.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com