Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

28F032B3 Datasheet(PDF) 20 Page - Intel Corporation

Part # 28F032B3
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F032B3 Datasheet(HTML) 20 Page - Intel Corporation

Back Button 28F032B3 Datasheet HTML 16Page - Intel Corporation 28F032B3 Datasheet HTML 17Page - Intel Corporation 28F032B3 Datasheet HTML 18Page - Intel Corporation 28F032B3 Datasheet HTML 19Page - Intel Corporation 28F032B3 Datasheet HTML 20Page - Intel Corporation 28F032B3 Datasheet HTML 21Page - Intel Corporation 28F032B3 Datasheet HTML 22Page - Intel Corporation 28F032B3 Datasheet HTML 23Page - Intel Corporation 28F032B3 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
SMART 3 ADVANCED BOOT BLOCK
E
20
PRELIMINARY
3.3
Block Locking
The Smart 3 Advanced Boot Block flash memory
architecture
features
two
hardware-lockable
parameter blocks.
3.3.1
WP# = VIL FOR BLOCK LOCKING
The lockable blocks are locked when WP# = VIL;
any program or erase operation to a locked block
will result in an error, which will be reflected in the
status register. For top configuration, the top two
parameter blocks (blocks #69 and #70, blocks #37
and #38 for the 16-Mbit, blocks #21 and #22 for the
8-Mbit, blocks #13 and #14 for the 4-Mbit) are
lockable. For the bottom configuration, the bottom
two parameter blocks (blocks #0 and #1 for 4-/8-/
16-/32-Mbit) are lockable. Unlocked blocks can be
programmed or erased normally (unless VPP is
below VPPLK).
3.3.2
WP# = VIH FOR BLOCK UNLOCKING
WP# = VIH unlocks all lockable blocks.
These blocks can now be programmed or erased.
Note that RP# does not override WP# locking as in
previous Boot Block devices. WP# controls all block
locking
and
VPP
provides
protection
against
spurious writes. Table 8 defines the write protection
methods.
Table 8. Write Protection Truth Table for
Advanced Boot Block Flash Memory Family
VPP
WP#
RP#
Write Protection
Provided
XX
VIL
All Blocks Locked
VIL
XVIH
All Blocks Locked
≥ V
PPLK
VIL
VIH
Lockable Blocks
Locked
≥ V
PPLK
VIH
VIH
All Blocks Unlocked
3.4
VPP Program and Erase
Voltages
Intel’s
Smart
3
products
provide
in-system
programming and erase at 2.7 V. For customers
requiring fast programming in their manufacturing
environment, Smart 3 includes an additional low-
cost 12 V programming feature.
The
12 V VPP
mode
enhances
programming
performance during the short period of time typically
found in manufacturing processes; however, it is
not intended for extended use. 12 V may be applied
to VPP during program and erase operations for a
maximum of 1000 cycles on the main blocks and
2500 cycles on the parameter blocks. VPP may be
connected to 12 V for a total of 80 hours maximum.
Stressing the device beyond these limits may cause
permanent damage.
During read operations or idle times, VPP may be
tied to a 5 V supply. For program and erase
operations, a 5 V supply is not permitted. The VPP
must be supplied with either 2.7 V–3.6 V or 11.4 V–
12.6 V during program and erase operations.
3.4.1
VPP = VIL FOR COMPLETE
PROTECTION
The VPP programming voltage can be held low for
complete write protection of all blocks in the flash
device. When VPP is below VPPLK, any program or
erase operation will result in a error, prompting the
corresponding status register bit (SR.3) to be set.
3.5
Power Consumption
Intel® Flash devices have a tiered approach to
power savings that can significantly reduce overall
system power consumption. The Automatic Power
Savings (APS) feature reduces power consumption
when the device is selected but idle. If the CE# is
deasserted, the flash enters its standby mode,
where current consumption is even lower. The
combination
of
these
features
can
minimize
memory power consumption, and therefore, overall
system power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com