Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

28F032B3 Datasheet(PDF) 26 Page - Intel Corporation

Part # 28F032B3
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F032B3 Datasheet(HTML) 26 Page - Intel Corporation

Back Button 28F032B3 Datasheet HTML 22Page - Intel Corporation 28F032B3 Datasheet HTML 23Page - Intel Corporation 28F032B3 Datasheet HTML 24Page - Intel Corporation 28F032B3 Datasheet HTML 25Page - Intel Corporation 28F032B3 Datasheet HTML 26Page - Intel Corporation 28F032B3 Datasheet HTML 27Page - Intel Corporation 28F032B3 Datasheet HTML 28Page - Intel Corporation 28F032B3 Datasheet HTML 29Page - Intel Corporation 28F032B3 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
SMART 3 ADVANCED BOOT BLOCK
E
26
PRELIMINARY
4.4
DC Characteristics (Continued)
VCC
2.7 V–3.6 V
2.7 V–2.85 V
2.7 V–3.3 V
VCCQ
2.7 V–3.6 V
1.65 V–2.5 V
1.8 V–2.5 V
Sym
Parameter
Note
Min
Max
Min
Max
Min
Max
Unit Test Conditions
VIL
Input Low Voltage
–0.4
0.4
–0.2
0.2
–0.2
0.2
V
VIH
Input High Voltage
VCCQ
–0.4V
VCCQ
–0.2V
VCCQ
–0.2V
V
VOL
Output Low
Voltage
0.10
-0.10
0.10
-0.10
0.10
V
VCC = VCCMin
VCCQ = VCCQMin
IOL = 100
µA
VOH
Output High
Voltage
VCCQ
–0.1V
VCCQ
–0.1V
VCCQ
–0.1V
VVCC = VCCMin
VCCQ = VCCQMin
IOH = –100 µA
VPPLK VPP Lock-Out
Voltage
2
1.5
1.5
1.5
V
Complete Write
Protection
VPP1
VPP during
2
2.7
3.6
V
VPP2
Program and
2
2.7
2.85
V
VPP3
Erase Operations
2
2.7
3.3
V
VPP4
2,5
11.4
12.6
11.4
12.6
11.4
12.6
V
VLKO
VCC Prog/Erase
Lock Voltage
1.5
1.5
1.5
V
VLKO2 VCCQ Prog/Erase
Lock Voltage
1.2
1.2
1.2
V
NOTES:
1.
All currents are in RMS unless otherwise noted. Typical values at nominal VCC, TA = +25 °C.
2.
Erase and program are inhibited when VPP < VPPLK and not guaranteed outside the valid VPP ranges of VPP1, VPP2, VPP3
and VPP4. For read operations or during idle time, a 5 V supply may be applied to VPP indefinitely. However, VPP must be at
valid levels for program and erase operations.
3.
Sampled, not 100% tested.
4.
Automatic Power Savings (APS) reduces ICCR to approximately standby levels in static operation.
5.
Applying VPP = 11.4 V–12.6 V during program/erase can only be done for a maximum of 1000 cycles on the main blocks
and 2500 cycles on the parameter blocks. VPP may be connected to 12 V for a total of 80 hours maximum. See Section 3.4
for details. For read operations or during idle time, a 5 V supply may be applied to VPP indefinitely. However, VPP must be
at valid levels for program and erase operations.
6.
Since each column lists specifications for a different VCC and VCCQ voltage range combination, the test conditions VCCMax,
VCCQMax, VCCMin, and VCCQMin refer to the maximum or minimum VCC or VCCQ voltage listed at the top of each column.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com