Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

28F032B3 Datasheet(PDF) 34 Page - Intel Corporation

Part # 28F032B3
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F032B3 Datasheet(HTML) 34 Page - Intel Corporation

Back Button 28F032B3 Datasheet HTML 30Page - Intel Corporation 28F032B3 Datasheet HTML 31Page - Intel Corporation 28F032B3 Datasheet HTML 32Page - Intel Corporation 28F032B3 Datasheet HTML 33Page - Intel Corporation 28F032B3 Datasheet HTML 34Page - Intel Corporation 28F032B3 Datasheet HTML 35Page - Intel Corporation 28F032B3 Datasheet HTML 36Page - Intel Corporation 28F032B3 Datasheet HTML 37Page - Intel Corporation 28F032B3 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
SMART 3 ADVANCED BOOT BLOCK
E
34
PRELIMINARY
6.0
ORDERING INFORMATION
T E 2 8 F 1 6 0 B 3 T A 9 0
Package
TE = 40-Lead/48-Lead TSOP
GT = 48-Ball µBGA* CSP
Product line designator
for all Intel Flash products
Access Speed (ns)
(90, 110)
Product Family
B3 = Smart 3 Advanced Boot Block
V
CC = 2.7 V - 3.6 V
V
PP = 2.7 V - 3.6 V or 11.4 V - 12.6 V
Device Density
320 = x16 (32 Mbit)
160 = x16 (16 Mbit)
800 = x16 (8 Mbit)
400 = x 16 (4 Mbit)
032 = x 8 (32 Mbit)
016 = x8 (16 Mbit)
008 = x8 (8 Mbit)
T = Top Blocking
B = Bottom Blocking
Lithography
Not Present = 0.4 µm
A = 0.25 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com