Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

28F032B3 Datasheet(PDF) 30 Page - Intel Corporation

Part # 28F032B3
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F032B3 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 28F032B3 Datasheet HTML 26Page - Intel Corporation 28F032B3 Datasheet HTML 27Page - Intel Corporation 28F032B3 Datasheet HTML 28Page - Intel Corporation 28F032B3 Datasheet HTML 29Page - Intel Corporation 28F032B3 Datasheet HTML 30Page - Intel Corporation 28F032B3 Datasheet HTML 31Page - Intel Corporation 28F032B3 Datasheet HTML 32Page - Intel Corporation 28F032B3 Datasheet HTML 33Page - Intel Corporation 28F032B3 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
SMART 3 ADVANCED BOOT BLOCK
E
30
PRELIMINARY
4.6
AC Characteristics —Write Operations(1)
Product
3.0 V – 3.6 V
80
100
2.7 V – 3.6 V
90
110
#
Symbol
Parameter
Note
Min
Min
Min
Min
Unit
W1
tPHWL /
tPHEL
RP# High Recovery to WE#
(CE#) Going Low
600
600
600
600
ns
W2
tELWL /
tWLEL
CE# (WE#) Setup to WE#
(CE#) Going Low
0000
ns
W3
tELEH /
tWLWH
WE# (CE#) Pulse Width
4
70
70
70
70
ns
W4
tDVWH /
tDVEH
Data Setup to WE# (CE#)
Going High
2
50506060
ns
W5
tAVWH /
tAVEH
Address Setup to WE# (CE#)
Going High
2
70707070
ns
W6
tWHEH /
tEHWH
CE# (WE#) Hold Time from
WE# (CE#) High
0000
ns
W7
tWHDX /
tEHDX
Data Hold Time from WE#
(CE#) High
20000
ns
W8
tWHAX /
tEHAX
Address Hold Time from WE#
(CE#) High
20000
ns
W9
tWHWL /
tEHEL
WE# (CE#) Pulse Width High
4
30
30
30
30
ns
W10
tVPWH /
tVPEH
VPP Setup to WE# (CE#) Going
High
3
200
200
200
200
ns
W11
tQVVL
VPP Hold from Valid SRD
30000
ns
NOTES:
1.
Read timing characteristics during program suspend and erase suspend are the same as during read-only operations.
2.
Refer to command definition table (Table 6) for valid A
IN or DIN.
3.
Sampled, but not 100% tested.
4. Write pulse width (tWP) is defined from CE# or WE# going low (whichever goes low last) to CE# or WE# going high
(whichever goes high first). Hence, tWP = tWLWH = tELEH = tWLEH = tELWH. Similarly, Write pulse width high (tWPH) is defined
from CE# or WE# going high (whichever goes high first) to CE# or WE# going low (whichever goes low first). Hence, tWPH =
tWHWL = tEHEL = tWHEL = tEHWL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com