Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F818-E/P Datasheet(PDF) 131 Page - Microchip Technology

Part # PIC16F818-E/P
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/P Datasheet(HTML) 131 Page - Microchip Technology

Back Button PIC16F818-E/P Datasheet HTML 127Page - Microchip Technology PIC16F818-E/P Datasheet HTML 128Page - Microchip Technology PIC16F818-E/P Datasheet HTML 129Page - Microchip Technology PIC16F818-E/P Datasheet HTML 130Page - Microchip Technology PIC16F818-E/P Datasheet HTML 131Page - Microchip Technology PIC16F818-E/P Datasheet HTML 132Page - Microchip Technology PIC16F818-E/P Datasheet HTML 133Page - Microchip Technology PIC16F818-E/P Datasheet HTML 134Page - Microchip Technology PIC16F818-E/P Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 176 page
background image
 2004 Microchip Technology Inc.
DS39598E-page 129
PIC16F818/819
VOL
Output Low Voltage
D080
I/O ports
—
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
-40
°C to +125°C
D083
OSC2/CLKO
(RC oscillator config)
——
0.6
V
IOL = 1.6 mA, VDD = 4.5V,
-40
°C to +125°C
VOH
Output High Voltage
D090
I/O ports (Note 3)
VDD – 0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V,
-40
°C to +125°C
D092
OSC2/CLKO
(RC oscillator config)
VDD – 0.7
—
—
V
IOH = -1.3 mA, VDD = 4.5V,
-40
°C to +125°C
Capacitive Loading Specs on Output Pins
D100
COSC2 OSC2 pin
—
—
15
pF
In XT, HS and LP modes
when external clock is used
to drive OSC1
D101
CIO
All I/O pins and OSC2
(in RC mode)
—
—
50
pF
D102
CB
SCL, SDA in I2C™ mode
——
400
pF
Data EEPROM Memory
D120
ED
Endurance
100K
10K
1M
100K
—
—
E/W
E/W
-40°C to +85°C
+85°C to +125°C
D121
VDRW VDD for read/write
VMIN
—
5.5
V
Using EECON to read/write,
VMIN = min. operating
voltage
D122
TDEW Erase/write cycle time
—
4
8
ms
Program Flash Memory
D130
EP
Endurance
10K
1K
100K
10K
—
—
E/W
E/W
-40°C to +85°C
+85°C to +125°C
D131
VPR
VDD for read
VMIN
—5.5
V
D132A
VDD for erase/write
VMIN
—
5.5
V
Using EECON to read/write,
VMIN = min. operating
voltage
D133
TPE
Erase cycle time
—
2
4
ms
D134
TPW
Write cycle time
—
2
4
ms
15.4
DC Characteristics:
PIC16F818/819 (Industrial, Extended)
PIC16LF818/819 (Industrial) (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Operating voltage VDD range as described in Section 15.1 “DC
Characteristics: Supply Voltage”.
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
In RC oscillator configuration, the OSC1/CLKI pin is a Schmitt Trigger input. It is not recommended that the
PIC16F818/819 be driven with external clock in RC mode.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3:
Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com