Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F818-E/P Datasheet(PDF) 134 Page - Microchip Technology

Part # PIC16F818-E/P
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/P Datasheet(HTML) 134 Page - Microchip Technology

Back Button PIC16F818-E/P Datasheet HTML 130Page - Microchip Technology PIC16F818-E/P Datasheet HTML 131Page - Microchip Technology PIC16F818-E/P Datasheet HTML 132Page - Microchip Technology PIC16F818-E/P Datasheet HTML 133Page - Microchip Technology PIC16F818-E/P Datasheet HTML 134Page - Microchip Technology PIC16F818-E/P Datasheet HTML 135Page - Microchip Technology PIC16F818-E/P Datasheet HTML 136Page - Microchip Technology PIC16F818-E/P Datasheet HTML 137Page - Microchip Technology PIC16F818-E/P Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 176 page
background image
PIC16F818/819
DS39598E-page 132
 2004 Microchip Technology Inc.
FIGURE 15-5:
CLKO AND I/O TIMING
TABLE 15-2:
CLKO AND I/O TIMING REQUIREMENTS
Note: Refer to Figure 15-3 for load conditions.
OSC1
CLKO
I/O pin
(Input)
I/O pin
(Output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
Old Value
New Value
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units Conditions
10*
TOSH2CKLOSC1
↑ to CLKO ↓
—
75
200
ns
(Note 1)
11*
TOSH2CKHOSC1
↑ to CLKO ↑
—
75
200
ns
(Note 1)
12*
TCKR
CLKO Rise Time
—
35
100
ns
(Note 1)
13*
TCKF
CLKO Fall Time
—
35
100
ns
(Note 1)
14*
TCKL2IOVCLKO
↓ to Port Out Valid
—
—
0.5 TCY + 20
ns
(Note 1)
15*
TIOV2CKH
Port In Valid before CLKO
↑
TOSC + 200
—
—
ns
(Note 1)
16*
TCKH2IOI
Port In Hold after CLKO
↑
0—
—
ns
(Note 1)
17*
TOSH2IOVOSC1
↑ (Q1 cycle) to Port Out Valid
—
100
255
ns
18*
TOSH2IOIOSC1
↑ (Q2 cycle) to Port
Input Invalid (I/O in hold time)
PIC16F818/819
100
—
—
ns
PIC16LF818/819
200
—
—
ns
19*
TIOV2OSH
Port Input Valid to OSC1
↑ (I/O in setup time)
0
—
—
ns
20*
TIOR
Port Output Rise Time
PIC16F818/819
—
10
40
ns
PIC16LF818/819
—
—
145
ns
21*
TIOF
Port Output Fall Time
PIC16F818/819
—
10
40
ns
PIC16LF818/819
—
—
145
ns
22††*
TINP
INT pin High or Low Time
TCY
——
ns
23††*
TRBP
RB7:RB4 Change INT High or Low Time
TCY
——
ns
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
††
These parameters are asynchronous events, not related to any internal clock edges.
Note
1:
Measurements are taken in RC mode, where CLKO output is 4 x TOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com