Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F818-E/P Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC16F818-E/P
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F818-E/P Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC16F818-E/P Datasheet HTML 129Page - Microchip Technology PIC16F818-E/P Datasheet HTML 130Page - Microchip Technology PIC16F818-E/P Datasheet HTML 131Page - Microchip Technology PIC16F818-E/P Datasheet HTML 132Page - Microchip Technology PIC16F818-E/P Datasheet HTML 133Page - Microchip Technology PIC16F818-E/P Datasheet HTML 134Page - Microchip Technology PIC16F818-E/P Datasheet HTML 135Page - Microchip Technology PIC16F818-E/P Datasheet HTML 136Page - Microchip Technology PIC16F818-E/P Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 176 page
background image
 2004 Microchip Technology Inc.
DS39598E-page 131
PIC16F818/819
FIGURE 15-4:
EXTERNAL CLOCK TIMING
OSC1
CLKO
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4
TABLE 15-1:
EXTERNAL CLOCK TIMING REQUIREMENTS
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
FOSC
External CLKI Frequency (Note 1)
DC
—
1
MHz
XT and RC Oscillator mode
DC
—
20
MHz
HS Oscillator mode
DC
—
32
kHz
LP Oscillator mode
Oscillator Frequency (Note 1)
DC
—
4
MHz
RC Oscillator mode
0.1
—
4
MHz
XT Oscillator mode
4
5
—
—
20
200
MHz
kHz
HS Oscillator mode
LP Oscillator mode
1TOSC
External CLKI Period (Note 1)
1000
—
—
ns
XT and RC Oscillator mode
50
—
—
ns
HS Oscillator mode
5
—
—
ms
LP Oscillator mode
Oscillator Period (Note 1)
250
—
—
ns
RC Oscillator mode
250
—
10,000
ns
XT Oscillator mode
50
—
250
ns
HS Oscillator mode
5
—
—
ms
LP Oscillator mode
2TCY
Instruction Cycle Time (Note 1)
200
TCY
DC
ns
TCY = 4/FOSC
3TOSL,
TOSH
External Clock in (OSC1) High
or Low Time
500
—
—
ns
XT Oscillator
2.5
—
—
ms
LP Oscillator
15
—
—
ns
HS Oscillator
4TOSR,
TOSF
External Clock in (OSC1) Rise or
Fall Time
—
—
25
ns
XT Oscillator
—
—
50
ns
LP Oscillator
—
—
15
ns
HS Oscillator
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values
are based on characterization data for that particular oscillator type, under standard operating conditions,
with the device executing code. Exceeding these specified limits may result in an unstable oscillator
operation and/or higher than expected current consumption. All devices are tested to operate at “min.”
values with an external clock applied to the OSC1/CLKI pin. When an external clock input is used, the
“max.” cycle time limit is “DC” (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com