Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68134IRAZ Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # ISL68134IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68134IRAZ Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button ISL68134IRAZ Datasheet HTML 42Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 43Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 44Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 45Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 46Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 47Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 48Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 49Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 50Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
ISL68134
FN8817 Rev.1.00
Page 47 of 50
Jun 19, 2017
TRANSITION RATE (1h)
Definition: Set or read the rise and fall transition rates. 1mV/µs per LSB. The initial value matches PMBus transition rates until updated
through AVSBus.
Paged or Global: Paged
Data Length in Bytes: 2
Data Format: Direct
Type: R/W
Default Value: Value of PMBus VOUT_TRANSITION_RATE for rise and fall
Units: mV/µs
Equation: TRANSITION RATE = (Direct value)
RAIL CURRENT (2h)
Definition: Returns the output current reading. 10mA per LSB. A filter is applied to this reading, and it is configurable in the
PowerNavigator.
Paged or Global: Paged
Data Length in Bytes: 2
Data Format: Direct
Type: Read Only
Default Value: N/A
Units: A
Equation: RAIL CURRENT= (Direct value)/100
TEMPERATURE (3h)
Definition: Returns the power stage temperature reading. 0.1°C per LSB. This value is copied from the READ_TEMPERATURE_1 PMBus
command.
Paged or Global: Paged
Data Length in Bytes: 2
Data Format: Direct
Type: Read Only
Default Value: N/A
Units: °C
Equation: TEMPERATURE = (Direct value)/10
COMMAND
TRANSITION RATE (1h)
Format
Direct
Bit Position
15
14
13
12
11
10
987
65
43
21
0
Access
R
R
R
R
R
R
RRR
RR
RR
RR
R
Function
Rise Transition Rate, two’s complement integer
Fall Transition Rate, two’s complement integer
Default Value
0
0
000
0
000
00
00
00
0
COMMAND
RAIL CURRENT (2h)
Format
Direct
Bit Position
15
14
13
12
11
10
987
65
43
21
0
Access
R
R
R
R
R
R
RRR
RR
RR
RR
R
Function
Two’s Complement Integer
COMMAND
TEMPERATURE (3h)
Format
Direct
Bit Position
15
14
13
12
11
10
987
65
43
21
0
Access
R
R
R
R
R
R
RRR
RR
RR
RR
R
Function
Two’s Complement Integer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com