Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68134IRAZ Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL68134IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68134IRAZ Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL68134IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 18Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
ISL68134
FN8817 Rev.1.00
Page 16 of 50
Jun 19, 2017
overall inrush current management strategy or to precisely
control how fast a load IC is turned on. The ISL68134 gives the
system designer several options for precisely and independently
controlling both the delay and ramp time periods. The soft-start
delay period begins when the EN pin is asserted and ends when
the delay time expires.
The soft-start delay and ramp-up/down times can be configured
using the PowerNavigator GUI. The device needs approximately
200µs after enable to initialize before starting to ramp up. When
the soft-start ramp period is set to 0ms, the output ramps up as
quickly as the output load capacitance and loop settings allow. It
is recommended to set the ramps to a non-zero value to prevent
inadvertent fault conditions due to excessive inrush current.
Stored Configuration Selection
As many as eight configurations can be stored and used at any
time using the on-board nonvolatile memory. Configurations are
assigned an identifier number between 0 and 7 at power-up. The
device will load the configuration indicated by the 1% resistor
value detected on the CONFIG pin. Resistor values are used to
indicate use of one of the eight possible configurations. Table 3
shows the resistor value corresponding to each configuration
identifier.
Only the most recent configuration with a given number can be
loaded. The device supports a total of eight stored operations. As
an example, a configuration with the identifier 0 could be saved
eight times or configurations with all eight identifiers could be
stored one time each for a total of eight save operations.
PowerNavigator provides a simple interface to save and load
configurations.
Fault Monitoring and Protection
The ISL68134 actively monitors temperature, input voltage, output
voltage, and output current to detect and report fault conditions.
Fault monitors trigger configurable protective measures to prevent
damage to a load. The power-good indicators, PG0/PG1, are
provided for linking to external system monitors.
A high level of flexibility is provided in the ISL68134 fault logic.
Faults can be enabled or disabled individually. Each fault type can
also be configured to either latch off or retry indefinitely.
Power-Good Signals
The PG0/PG1 pins are open-drain, power-good outputs that
indicate completion of the soft-start sequence and output
voltage of the associated rail within the expected regulation
range.
The PG pins can be associated or disassociated with a number of
the available fault types. This allows a system design to be tailored
for almost any condition. In addition, these power-good indicators
will be pulled low when a fault (OCP or OVP) condition or UV
condition is detected on the associated rail.
Output Voltage Protection
Output voltage is measured at the load sensing points
differentially for regulation and the same measurement is used
for OVP and UVP. The fault thresholds are set using PMBus
commands. Figure 17 shows a simplified OVP/UVP block
diagram. The output voltage comparisons are done in the digital
domain.
The device responds to an output overvoltage condition by
disabling the output, declaring a fault, setting the SALRT pin,
setting the PG pin and then pulsing the LFET until the output
voltage has dropped below the threshold. Similarly, the device
responds to an output undervoltage condition by disabling the
output, declaring a fault, setting the SALRT pin, and setting the
PG pin. The output will not restart until the EN pin is cycled
(unless the device is configured to retry).
In addition, the ISL68134 features open pin sensing protection to
detect an open of the output voltage sensing circuit. When this
condition is detected, controller operation is suspended.
Output Current Protection
The ISL68134 offers a comprehensive overcurrent protection
scheme. Each phase is protected from both excessive peak
current and sustained current. In addition, the system is
protected from sustained total output overcurrent.
Figure 18 on page 17 depicts a block diagram of the system total
output current protection scheme. In this scheme, the phase
currents are summed to form ISUM. ISUM is then fed to dual
response paths allowing the user to program separate LPF,
threshold, and response time. One path is intended to allow
response more quickly than the other path. With this system, the
user can allow high peak total current for a short time and a
lower level of current for a sustained time. Note that neither of
TABLE 3. RESISTOR VALUES TO CONFIGURATION MAPPING
R CONFIG
(Ω)
CONFIG
ID
6800
0
1800
1
2200
2
2700
3
3300
4
3900
5
4700
6
5600
7
FIGURE 17. OVP, UVP COMPARATORS
RGNDx
VSENx
ADC
ISL68134
DIGITAL OV
COMPARATOR
THRESHOLD
REGISTER
+
-
DIGITAL UV
COMPARATOR
THRESHOLD
REGISTER
+
-
SoC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com