Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68134IRAZ Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL68134IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68134IRAZ Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL68134IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 18Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 20Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 21Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 22Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 23Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
ISL68134
FN8817 Rev.1.00
Page 20 of 50
Jun 19, 2017
PMBus Operation
The ISL68134 PMBus slave address is pin selectable using the
ADDRESS pin and resistor value described in Table 3 on page 16.
For proper operation, users should follow the PMBus protocol, as
shown in “PMBus Protocol” on page 21. The supported PMBus
addresses are in 8-bit format (including write and read bit) shown
in Table 5. The least significant bit of the 8-bit address is for write
(0h) and read (1h). PMBus commands are in the range from
0x00h to 0xFFh. For the ISL68134, Page 0 corresponds to Output
0 and Page 1 to Output 1. For reference purposes, the 7-bit
format addresses are also summarized in Table 5.
The PMBus data formats follow PMBus specification version 1.3
and SMBus version 2.0.
Basic PMBus telemetry commands are summarized in “PMBus
Command Summary” on page 22.
TABLE 5. PMBus 8-BIT AND 7-BIT FORMAT ADDRESS (HEX)
8-BIT
7-BIT
8-BIT
7-BIT
8-BIT
7-BIT
8-BIT
7-BIT
84/85
42
A4/A5
52
B4/B5
5A
C0/C1
60
86/87
43
A6/A7
53
B6/B7
5B
C6/C7
63
8C/8D
46
AC/AD
56
BC/BD
5E
CC/CD
66
8E/8F
47
AE/AF
57
BE/BF
5F
CE/CF
67
FIGURE 26. SIMPLIFIED PMBus INITIALIZATION TIMING DIAGRAM
1.2V
VCC
ENABLE
~30ms
VCCS
INDEFINITELY
PMBus
COMMAND
PMBus
COMMAND
PMBus
COMMAND
PMBus
COMMAND
VOUT
PROGRAM CONFIGURATION
(BT, TMAX, PS, DE, etc.)
PROGRAM CONFIGURATION
(BT, TMAX, PS, DE, etc.)
USE PREVIOUS PROGRAMMED
CONFIGURATION FOR STARTUP AND OPERATION
VCCS
3.3V
POR
PLL
LOCKED
Fac
LOAD
Config
Tel ADC
Initialized
Start-up
Diagnostics
DONE
DONE
Customer
Config
LOAD
PROGRAM CONFIGURATION
(BT, TMAX, PS, DE, etc.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com