Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68134IRAZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL68134IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68134IRAZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL68134IRAZ Datasheet HTML 2Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
ISL68134
FN8817 Rev.1.00
Page 6 of 50
Jun 19, 2017
Typical Application: 2+2 Configuration with ISL99227 SPS
FIGURE 2. TYPICAL APPLICATION: 2+2 CONFIGURATION WITH ISL99227 SPS
VCC
VCCS
4.7µF
TMON0
RGND0
VSEN0
SALRT
SDA
SCL
4.7µF
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
GND
VIN
0.1µF
2x22µF
12V
5V
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
PWM0
CSRTN0
CS0
PWM1
CSRTN1
CS1
PWM2
CSRTN2
CS2
PWM3
CSRTN3
CS3
470pF
470pF
470pF
470pF
RGND1
VSEN1
100
ISL99227
COUT
VOUT0
VOUT1
COUT
ISL99227
ISL99227
ISL68134
PG0
EN0
PG1
EN1
1k
1k
VINSEN
10nF
10k
40.2k
TWARN
CONFIG
SA
12V
3.3V
GND
GND
GND
AVS_VDDIO
AVS_MDA
AVS_SDA
AVS_CLK
0.1µF
0.1µF
0.1µF
0.1µF
470pF
100
100
100
100
ISL99227
TMON1
470pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com