Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68134IRAZ Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # ISL68134IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68134IRAZ Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button ISL68134IRAZ Datasheet HTML 42Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 43Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 44Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 45Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 46Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 47Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 48Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 49Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 50Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
ISL68134
FN8817 Rev.1.00
Page 48 of 50
Jun 19, 2017
VOLTAGE RESET (4h)
Definition: Sets TARGET RAIL VOLTAGE to match that of the VOUT_COMMAND PMBus command.
Paged or Global: Paged
Data Length in Bytes: 2
Data Format: Direct
Type: Write Only
Default Value: 00h
Units: N/A
AVSBus STATUS (Eh)
Definition: Returns the device status. VDONE indicates that VOUT has reached the set point. OT Warn indicates that one or more of the
device’s measured temperatures has exceeded the over temperature warning threshold set by the OT_WARN_LIMIT PMBus command.
The device sets the AVS_SDA line low to notify the host any time a bit in this register has been set.
Paged or Global: Paged
Data Length in Bytes: 2
Data Format: Bit Field
Type: R/W
Default Value: N/A
Units: N/A
AVSBus VERSION (Fh)
Definition: Returns the version of the AVSBus specification to which the device is compliant. This device complies with Version 1.3.
Paged or Global: Global
Data Length in Bytes: 2
Data Format: Bit Field
Type: Read Only
Default Value: 00h
Units: N/A
COMMAND
VOLTAGE RESET (4h)
Format
Direct
Bit Position
15
14
13
12
11
10
987
65
43
21
0
Access
W
W
W
W
W
W
WWW
WW
WW
WW
W
Function
Send all 0’s
Default Value
0
0
000
0
000
00
00
00
0
COMMAND
AVSBUS STATUS (Eh)
Format
Bit Field
Bit Position
15
14
13
12
11:0
Access
R
RRRR
Function
VDONE
Not Used
Not Used
OT Warn
Not Used
Default Value
N/A
0
0
N/A
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com