Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68134IRAZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL68134IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68134IRAZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL68134IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
ISL68134
FN8817 Rev.1.00
Page 10 of 50
Jun 19, 2017
Current Sense Accuracy
ISEN to ADC accuracy
-2
2
%
Average Overcurrent Threshold Resolution
0.1
A
DIGITAL DROOP
Droop Resolution
0.01
mV/A
OSCILLATORS
Accuracy of Switching Frequency Setting
When set to 500kHz
480
500
520
kHz
Accuracy of Switching Frequency Setting
-4
+4
%
Switching Frequency Range
200
1000
kHz
SOFT-START RATE AND VOLTAGE TRANSITION RATE
Minimum Soft-Start Ramp Rate
Programmable minimum rate
20
µs
Maximum Soft-Start Ramp Rate
Programmable maximum rate
10
ms
Soft-Start Ramp Rate Accuracy
-4
4
%
Minimum Transition Rate
Programmable minimum rate
0.1
mV/µs
Maximum Transition Rate
Programmable maximum rate
100
mV/µs
Transition Rate Accuracy
-4
4
%
PWM OUTPUT
PWMx Output High Level
IOUT = 4mA
VCC - 0.4
V
PWMx Output Low Level
IOUT = 4mA
0.4
V
PWMx Output Tri-State IOL
VOH = VCC
1
µA
PWMx Output Tri-State IOh
VOL = 0V
-1
µA
THERMAL MONITORING AND PROTECTION
Temperature Sensor Range
-50
150
°C
Temperature Sensor Accuracy
TMON to ADC accuracy
-4.5
4.5
%
TWARN Output Low Impedance
49
13
Ω
TWARN Hysteresis
3°C
POWER-GOOD AND PROTECTION MONITORS
PG Output Low Voltage
IOUT = 8mA load
0.4
V
PG Leakage Current
With pull-up resistor externally connected to VCC
0.5
1
µA
Overvoltage Protection Threshold Resolution
1mV
Undervoltage Protection Threshold Resolution
1mV
Overvoltage Protection Threshold When Disabled
VCC - 0.2
V
INPUT VOLTAGE SENSE
Input Voltage Accuracy
VINSEN to ADC accuracy
-2.5
2.5
%
Input Voltage Protection Threshold Resolution
1mV
AVSBus
AVS VDDIO Input Voltage Range
0.90
3.63
V
AVS CLK, MDA, Input High Level
0.6 * VDDIO
V
AVS CLK, MDA, Input Low Level
0.4 * VDDIO
V
Electrical Specifications Recommended operating conditions, VCC = 3.3V, unless otherwise specified. Boldface limits apply across the
operating temperature range -40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 7)TYP
MAX
(Note 7)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com