Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68134IRAZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL68134IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68134IRAZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL68134IRAZ Datasheet HTML 1Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 2Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68134IRAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
ISL68134
FN8817 Rev.1.00
Page 5 of 50
Jun 19, 2017
Driver, DrMOS, and Smart Power Stage Recommendation
INTERSIL PART
NUMBER
QUIESCENT CURRENT
(mA)
GATE
DRIVE VOLTAGE
(V)
NUMBER OF
DRIVERS
COMMENTS
ISL99227
4.85
5
Single
60A, 5x5 smart power stage
ISL99140
0.19
5
Single
40A, 6x6 DrMOS
ISL6596
0.19
5
Single
Connect ISL6596 VCTRL to 3.3V
Internal Block Diagram
FIGURE 1. INTERNAL BLOCK DIAGRAM
VSA
ADC
VDROOP
PID
ADC
CYCLE-
CYCLE OCP
ADC
CYCLE-
CYCLE OCP
ADC
CYCLE-
CYCLE OCP
ADC
CYCLE-
CYCLE OCP
SUMMED
OCP
CURRENT
AC FB
VSA
ADC
VDROOP
PID
Current
AC FB
SUMMED
OCP
ADC
FAULT AND
TELEMETRY
MANAGER
STATUS
MANAGER
PG0
PG1
TWARN
CPU
NVM
OV
UV
+
-
+
-
OV
UV
+
-
+
-
LOOP
MANAGER
EN0
EN1
PWM0
DIGITAL
DUAL EDGE
MODULATOR
DIGITAL
DUAL EDGE
MODULATOR
PWM1
PWM2
PWM3
VINSEN
TMON0
TMON1
VCCS
VCC
LDO
CONFIG
SA
BLACKBOX
VSEN1
RGND1
VSEN0
RGND0
CS3
CSRTN3
CS2
CSRTN2
CS1
CSRTN1
CS0
CSRTN0
SCL
SDA
SALRT
PMBUS
INTERFACE
AVS_VDDIO
AVS_SDA
AVS_MDA
AVS_CLK
AVSBUS
INTERFACE
P
H
A
S
E
M
A
N
A
G
E
R
ISUM0
ISUM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com