Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6334DIRZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6334DIRZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6334DIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 12Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 13Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ISL6334D
FN6802 Rev 4.00
Page 10 of 28
Apr 29, 2016
Functional Pin Description
VCC - Supplies the power necessary to operate the chip. The
controller starts to operate when the voltage on this pin exceeds
the rising POR threshold and shuts down when the voltage on
this pin drops below the falling POR threshold. Connect this pin
directly to a +5V supply.
GND - Bias and reference ground for the IC. The bottom metal
base of ISL6334D is the GND.
EN_PWR - This pin is a threshold-sensitive enable input for the
controller. Connecting the 12V supply to EN_PWR through an
appropriate resistor divider provides a means to synchronize
power-up of the controller and the MOSFET driver ICs. When
EN_PWR is driven above 0.870V, the ISL6334D is active
depending on status of the EN_VTT, the internal POR, and
pending fault states. Driving EN_PWR below 0.735V will clear all
fault states and prime the ISL6334D to soft-start when
re-enabled.
EN_VTT - This pin is another threshold-sensitive enable input for
the controller. It’s typically connected to VTT output of VTT
voltage regulator in the computer mother board. When EN_VTT is
driven above 0.870V, the ISL6334D is active depending on status
of the EN_PWR, the internal POR, and pending fault states.
Driving EN_VTT below 0.735V will clear all fault states and prime
the ISL6334D to soft-start when re-enabled.
VDIFF, VSEN and RGND - VSEN and RGND form the precision
differential remote-sense amplifier. This amplifier converts the
differential voltage of the remote output to a single-ended
voltage referenced to local ground. VDIFF is the amplifier’s
output and the input to the regulation and protection circuitry.
Connect VSEN and RGND to the sense pins of the remote load.
FB and COMP - Inverting input and output of the error amplifier
respectively. FB can be connected to VDIFF through a resistor.
COMP is tied back to FB through an external R-C network to
compensate the regulator.
DAC and REF - The DAC pin is the output of the precision internal
DAC reference. The REF pin is the positive input of the Error
Amplifier. In typical applications, a 1kΩ, 1% resistor is used
between DAC and REF to generate a precision offset voltage. This
voltage is proportional to the offset current determined by the
offset resistor from OFS to ground or VCC. A capacitor is used
between REF and ground to smooth the voltage transition during
Dynamic VID™ operations.
VR_RDY - VR_RDY indicates that soft-start has completed and
the output voltage is within the regulated range around the VID
setting. It is an open-drain logic output. When OCP or OVP occurs,
VR_RDY will be pulled to low. It will also be pulled low if the
output voltage is below the undervoltage threshold.
OFS - The OFS pin can be used to program a DC offset current,
which will generate a DC offset voltage between the REF and
DAC pins. The offset current is generated via an external resistor
and precision internal voltage references. The polarity of the
offset is selected by connecting the resistor to GND or VCC. For no
offset, the OFS pin should be left unterminated.
TCOMP - Temperature compensation scaling input. The voltage
sensed on the TM pin is utilized as the temperature input to adjust
IMON and the overcurrent protection limit to effectively
compensate for the temperature coefficient of the current sense
element. To implement the integrated temperature compensation,
a resistor divider circuit is needed with one resistor being
connected from TCOMP to VCC of the controller and another
resistor being connected from TCOMP to GND. Changing the ratio
of the resistor values will set the gain of the integrated thermal
compensation. When the integrated temperature compensation
function is not used, connect TCOMP to GND.
TM - TM is an input pin for the VR temperature measurement.
Connect this pin through an NTC thermistor to GND and a resistor
to VCC of the controller. The voltage at this pin is reverse
proportional to the VR temperature. The ISL6334D monitors the
VR temperature based on the voltage at the TM pin and outputs
VR_HOT and VR_FAN signals.
VR_HOT - VR_HOT is used as an indication of high VR
temperature. It is an open-drain logic output. It will be pulled low
if the measured VR temperature is less than a certain level, and
open when the measured VR temperature reaches a certain
level. An external pull-up resistor is needed.
VR_FAN - VR_FAN is an output pin with open-drain logic output. It
will be pulled low if the measured VR temperature is less than a
certain level, and open when the measured VR temperature
reaches a certain level. A external pull-up resistor is needed.
PWM1, PWM2, PWM3, PWM4 - Pulse width modulation outputs.
Connect these pins to the PWM input pins of the Intersil driver IC.
The number of active channels is determined by the state of
PWM2, PWM3 and PWM4. Tie PWM2 to VCC to configure for 1-
phase operation. Tie PWM3 to VCC to configure for a 2-phase
operation. Tie PWM4 to VCC to configure for a 3-phase operation.
In addition, tie PSI# to GND to configure for a single phase
operation as well.
ISEN1+, ISEN1-; ISEN2+, ISEN2-; ISEN3+, ISEN3-; ISEN4+, ISEN4-
The ISEN+ and ISEN- pins are current sense inputs to individual
differential amplifiers. The sensed current is used for channel
current balancing and overcurrent protection. Inactive channels
should have their respective current sense inputs left open (for
example, open ISEN4+ and ISEN4- for a 3-phase operation).
For DCR sensing, connect each ISEN- pin to the node between the
RC sense elements. Tie the ISEN+ pin to the other end of the
sense capacitor through a resistor, RISEN. The voltage across the
sense capacitor is proportional to the inductor current. Therefore,
the sense current is proportional to the inductor current and
scaled by the DCR of the inductor and RISEN.
To match the time delay of the internal circuit, a capacitor is
needed between each ISEN+ pin and GND, as described in
“Current Sensing” on page 13.
IMON - IMON is the output pin of sensed, thermally compensated
(if internal thermal compensation is used) average current. The
voltage at the IMON pin is proportional to the load current and the
resistor value, and internally clamped to 1.11V plus the remote
ground potential difference. If the clamped voltage (1.11V) is
triggered, it will initiate the overcurrent shutdown. By choosing the
proper value for the resistor at IMON pin, the overcurrent trip level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com