Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6334DIRZ Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6334DIRZ Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button ISL6334DIRZ Datasheet HTML 20Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 21Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 22Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 23Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 24Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 25Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 26Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 27Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ISL6334D
FN6802 Rev 4.00
Page 25 of 28
Apr 29, 2016
response, the output voltage initially deviates by an amount, as
shown in Equation 30:
The filter capacitor must have sufficiently low ESL and ESR so
that
V < VMAX.
Most capacitor solutions rely on a mixture of high-frequency
capacitors with relatively low capacitance in combination with
bulk capacitors having high capacitance but limited
high-frequency performance. Minimizing the ESL of the
high-frequency capacitors allows them to support the output
voltage as the current increases. Minimizing the ESR of the bulk
capacitors allows them to supply the increased current with less
output voltage deviation.
The ESR of the bulk capacitors also creates the majority of the
output-voltage ripple. As the bulk capacitors sink and source the
inductor AC ripple current (see “Interleaving” on page 11 and
Equation 2), a voltage develops across the bulk-capacitor ESR
equal to IC,(P-P)(ESR). Thus, once the output capacitors are
selected, the maximum allowable ripple voltage, VP-P(MAX),
determines the lower limit on the inductance, as shown in
Equation 31.
Since the capacitors are supplying a decreasing portion of the
load current while the regulator recovers from the transient, the
capacitor voltage becomes slightly depleted. The output
inductors must be capable of assuming the entire load current
before the output voltage decreases more than
VMAX. This
places an upper limit on inductance.
Equation 32 gives the upper limit on L for the cases when the
trailing edge of the current transient causes a greater
output-voltage deviation than the leading edge. Equation 33
addresses the leading edge. Normally, the trailing edge dictates
the selection of L because duty cycles are usually less than 50%.
Nevertheless, both inequalities should be evaluated, and L
should be selected based on the lower of the two results. In each
equation, L is the per-channel inductance, C is the total output
capacitance, and N is the number of active channels.
Switching Frequency Selection
There are a number of variables to consider when choosing the
switching frequency, as there are considerable effects on the
upper MOSFET loss calculation. These effects are outlined in
“MOSFETs” on page 23, and they establish the upper limit for the
switching frequency. The lower limit is established by the
requirement for fast transient response and small output-voltage
ripple as outlined in “Output Filter Design” on page 24. Choose
the lowest switching frequency that allows the regulator to meet
the transient-response requirements.
Input Capacitor Selection
The input capacitors are responsible for sourcing the AC
component of the input current flowing into the upper MOSFETs.
Their RMS current capacity must be sufficient to handle the AC
component of the current drawn by the upper MOSFETs, which is
related to duty cycle and the number of active phases.
VESL
 di
dt
-----
ESR
 I
+
(EQ. 30)
L
ESR

VIN NVOUT
–

 V
OUT
fSVINVP-P MAX

------------------------------------------------------------
(EQ. 31)
L
2NCVO
I
2
---------------------
V
MAX
I ESR

–
(EQ. 32)
L
1.25
NC
I
2
--------------------------
V
MAX
IESR

–
VIN VO
–


(EQ. 33)
0.3
0.1
0
0.2
FIGURE 21. NORMALIZED INPUT-CAPACITOR RMS CURRENT vs
DUTY CYCLE FOR 2-PHASE CONVERTER
00.4
1.0
0.2
0.6
0.8
DUTY CYCLE (VO/VIN)
IL(P-P) = 0
IL(P-P) = 0.5 IO
IL(P-P) = 0.75 IO
DUTY CYCLE (VO/VIN)
FIGURE 22. NORMALIZED INPUT-CAPACITOR RMS CURRENT vs
DUTY CYCLE FOR 3-PHASE CONVERTER
00.4
1.0
0.2
0.6
0.8
0.3
0.1
0
0.2
IL(P-P) = 0
IL(P-P) = 0.25 IO
IL(P-P) = 0.5 IO
IL(P-P) = 0.75 IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com