Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6334DIRZ Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6334DIRZ Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL6334DIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 12Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 13Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 14Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ISL6334D
FN6802 Rev 4.00
Page 11 of 28
Apr 29, 2016
can be set to be lower than the fixed internal overcurrent threshold.
During the dynamic VID, the OCP function of this pin is disabled to
avoid false triggering. Tie it to GND if not used.
FS - Use this pin to set up the desired switching frequency. A
resistor placed from FS to ground/VCC will set the switching
frequency. The relationship between the value of the resistor and
the switching frequency will be approximated by Equation 3. This
pin is also used with the SS and PSI# pins for phase dropping
decoding (see Table 2 on page 12).
SS - Use this pin to set up the desired start-up oscillator
frequency. A resistor placed from SS to ground/VCC will set up
the soft-start ramp rate. The relationship between the value of
the resistor and the soft-start ramp-up time will be approximated
by Equations 12 and 13. This pin is also used with the FS and
PSI# pins for phase dropping decoding (see Table 2).
VID7, VID6, VID5, VID4, VID3, VID2, VID1 and VID0 - These are
the inputs to the internal DAC that generate the reference voltage
for output regulation. All VID pins have no internal pull-up current
sources until after TD3. Connect these pins either to open-drain
outputs with external pull-up resistors or to active pull-up outputs,
as high as VCC plus 0.3V.
PSI# - A low input signal indicates the low power mode operation
of the processor. The controller drops the number of active
phases to single or 2-phase operation, according to the logic on
Table 2. The PSI# pin, SS and FS pins are used to program the
controller in operation of non-coupled, 2-phase coupled, or
(n-x)-phase coupled inductors when PSI# is asserted (active low).
Different cases yield different PWM output behavior on both
dropped phase(s) and remained phase(s) as PSI# is asserted and
deasserted. A high input signal pulls the controller back to
normal operation.
Operation
Multiphase Power Conversion
Microprocessor load current profiles have changed to the point
that the advantages of multiphase power conversion are
impossible to ignore. The technical challenges associated with
producing a single-phase converter (which are both cost-effective
and thermally viable), have forced a change to the cost-saving
approach of multiphase. The ISL6334D controller helps reduce
the complexity of implementation by integrating vital functions
and requiring minimal output components. Figures 1, 2 and 3
provide top level views of multiphase power conversion using the
ISL6334D controller.
Interleaving
The switching of each channel in a multiphase converter is timed
to be symmetrically out-of-phase with each of the other channels.
In a 3-phase converter, each channel switches 1/3 cycle after the
previous channel and 1/3 cycle before the following channel. As
a result, the 3-phase converter has a combined ripple frequency
3x greater than the ripple frequency of any one phase. In
addition, the peak-to-peak amplitude of the combined inductor
currents is reduced in proportion to the number of phases (see
Equations 1 and 2). Increased ripple frequency and lower ripple
amplitude mean that the designer can use less per-channel
inductance and lower total output capacitance for any
performance specification.
Figure 4 illustrates the multiplicative effect on output ripple
frequency. The three channel currents (IL1, IL2 and IL3) combine
to form the AC ripple current and the DC load current. The ripple
component has 3x the ripple frequency of each individual
channel current. Each PWM pulse is terminated 1/3 of a cycle
after the PWM pulse of the previous phase. The DC components of
the inductor currents combine to feed the load.
To understand the reduction of ripple current amplitude in the
multiphase circuit, examine Equation 1, which represents an
individual channel’s peak-to-peak inductor current.
In Equation 1, VIN and VOUT are the input and output voltages
respectively, L is the single-channel inductor value, and fSW is the
switching frequency.
The output capacitors conduct the ripple component of the
inductor current. In the case of multiphase converters, the
capacitor current is the sum of the ripple currents from each of
the individual channels. Compare Equation 1 to the expression
FIGURE 4. PWM AND INDUCTOR-CURRENT WAVEFORMS FOR
3-PHASE CONVERTER
1µs/DIV
PWM2, 5V/DIV
PWM3, 5V/DIV
IL2, 7A/DIV
IL3, 7A/DIV
IL1 + IL2 + IL3, 7A/DIV
IL1, 7A/DIV
PWM1, 5V/DIV
IP-P
VIN VOUT
–
 V
OUT
LfSW VIN
------------------------------------------------------
=
(EQ. 1)
FIGURE 5. CHANNEL INPUT CURRENTS AND INPUT-CAPACITOR
RMS CURRENT FOR 3-PHASE CONVERTER
CHANNEL 3
INPUT CURRENT
10A/DIV
CHANNEL 2
INPUT CURRENT
10A/DIV
CHANNEL 1
INPUT CURRENT
10A/DIV
INPUT-CAPACITOR CURRENT, 10A/DIV
1µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com