Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6334DIRZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6334DIRZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6334DIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 12Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 13Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 14Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 15Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 16Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 17Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ISL6334D
FN6802 Rev 4.00
Page 14 of 28
Apr 29, 2016
RESISTIVE SENSING
For accurate current sense, a dedicated current-sense resistor
RSENSE in series with each output inductor can serve as the current
sense element (see Figure 8). This technique is more accurate, but
reduces overall converter efficiency due to the additional power loss
on the current sense element RSENSE.
The same capacitor CT is needed to match the time delay between
the ISEN- and ISEN+ signals. Select the proper CT to keep the time
constant of RISEN and CT (RISEN x CT) close to 27ns.
Equation 7 shows the ratio of the channel current to the sensed
current ISEN.
The inductor DCR value will increase as the temperature increases.
Therefore, the sensed current will increase as the temperature of
the current sense element increases. In order to compensate the
temperature effect on the sensed current signal, a Positive
Temperature Coefficient (PTC) resistor can be selected for the
sense resistor RISEN, or the integrated temperature compensation
function of ISL6334D should be utilized. The integrated
temperature compensation function is described in “External
Temperature Compensation” on page 22.
Channel-Current Balance
The sensed current In from each active channel is summed
together and divided by the number of active channels. The
resulting average current IAVG provides a measure of the total
load current. Channel current balance is achieved by comparing
the sensed current of each channel to the average current to
make an appropriate adjustment to the PWM duty cycle of each
channel with Intersil’s patented current-balance method.
Channel current balance is essential in achieving the thermal
advantage of multiphase operation. With good current balance,
the power loss is equally dissipated over multiple devices and a
greater area.
Voltage Regulation
The compensation network shown in Figure 9 assures that the
steady-state error in the output voltage is limited only to the error
in the reference voltage (output of the DAC) and offset errors in
the OFS current source, remote-sense and error amplifiers.
Intersil specifies the guaranteed tolerance of the ISL6334D to
include the combined tolerances of each of these elements.
The output of the error amplifier, VCOMP, is compared to
sawtooth waveforms to generate the PWM signals. The PWM
signals control the timing of the Intersil MOSFET drivers and
regulate the converter output to the specified reference voltage.
The internal and external circuitry, which control voltage
regulation, are illustrated in Figure 9.
The ISL6334D incorporates an internal differential remote sense
amplifier in the feedback path. The amplifier removes the
voltage error encountered when measuring the output voltage
relative to the local controller ground reference point, resulting in
a more accurate means of sensing output voltage. Connect the
microprocessor sense pins to the non-inverting input, VSEN, and
inverting input, RGND, of the remote-sense amplifier. The
remote-sense output, VDIFF, is connected to the inverting input of
the error amplifier through an external resistor.
A Digital-to-Analog Converter (DAC) generates a reference
voltage based on the state of logic signals at pins VID7 through
VID0. The DAC decodes the eight 6-bit logic signal (VID) into one
of the discrete voltages shown in Table 3 on page 15. All VID pins
have no internal pull-up current sources after tD3. After tD3, each
VID input offers a minimum 30µA pull-up to an internal 2.5V
source for use with open-drain outputs. The pull-up current
diminishes to zero above the logic threshold to protect
voltage-sensitive output devices. External pull-up resistors can
augment the pull-up current sources in case leakage into the
driving device is greater than 30µA.
ISEN
IL
RSENSE
RISEN
-----------------------
=
(EQ. 7)
FIGURE 8. SENSE RESISTOR IN SERIES WITH INDUCTORS
In
ISEN IL
RSENSE
RISEN
--------------------------
=
-
+
ISEN-(n)
CURRENT
SENSE
ISEN+(n)
RISEN(n)
RSENSE
L
VOUT
COUT
IL
CT
ISL6334D INTERNAL CIRCUIT
FIGURE 9. OUTPUT VOLTAGE REGULATION LOOP
EXTERNAL CIRCUIT ISL6334D INTERNAL CIRCUIT
COMP
RC
RFB
FB
VDIFF
VSEN
RGND
ERROR AMPLIFIER
-
+
VOUT+
DIFFERENTIAL
REMOTE-SENSE
AMPLIFIER
VCOMP
CC
REF
DAC
RREF
CREF
-
+
VOUT-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com