Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6334DIRZ Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6334DIRZ Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ISL6334DIRZ Datasheet HTML 19Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 20Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 21Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 22Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 23Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 24Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 25Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 26Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ISL6334D
FN6802 Rev 4.00
Page 23 of 28
Apr 29, 2016
schematics, bills of materials and example board layouts for all
common microprocessor applications.
Power Stages
The first step in designing a multiphase converter is to determine
the number of phases. This determination depends heavily upon
the cost analysis, which in turn depends on system constraints
that differ from one design to the next. Principally, the designer
will be concerned with whether components can be mounted on
both sides of the circuit board; whether through-hole components
are permitted; and the total board space available for power
supply circuitry. Generally speaking, the most economical
solutions are those in which each phase handles between 15A
and 25A. All surface mount designs will tend toward the lower
end of this current range. If through-hole MOSFETs and inductors
can be used, higher per-phase currents are possible. In cases
where board space is the limiting constraint, current can be
pushed as high as 40A per phase, but these designs require heat
sinks and forced air to cool the MOSFETs, inductors and
heat-dissipating surfaces.
MOSFETs
The choice of MOSFETs depends on the current each MOSFET will
be required to conduct; the switching frequency; the capability of
the MOSFETs to dissipate heat; and the availability and nature of
heatsinking and air flow.
LOWER MOSFET POWER CALCULATION
The calculation for heat dissipated in the lower MOSFET is
simple, since virtually all of the heat loss in the lower MOSFET is
due to current conducted through the channel resistance
(rDS(ON)). In Equation 21, IM is the maximum continuous output
current; IP-P is the peak-to-peak inductor current (see
Equation 1); d is the duty cycle (VOUT/VIN); and L is the
per-channel inductance.
An additional term can be added to the lower-MOSFET loss
equation to account for additional loss accrued during the dead
time when inductor current is flowing through the lower-MOSFET
body diode. This term is dependent on the diode forward voltage
at IM, VD(ON); the switching frequency, fsw; and the length of
dead times, td1 and td2, at the beginning and the end of the
lower-MOSFET conduction interval respectively.
Thus the total maximum power dissipated in each lower MOSFET
is approximated by the summation of PLOW,1 and PLOW,2.
UPPER MOSFET POWER CALCULATION
In addition to rDS(ON) losses, a large portion of the upper MOSFET
losses are due to currents conducted across the input voltage (VIN)
during switching. Since a substantially higher portion of the upper
MOSFET losses are dependent on switching frequency, the power
calculation is more complex. Upper MOSFET losses can be divided
into separate components involving the upper MOSFET switching
times; the lower MOSFET body-diode reverse-recovery charge, Qrr;
and the upper MOSFET rDS(ON) conduction loss.
When the upper MOSFET turns off, the lower MOSFET does not
conduct any portion of the inductor current until the voltage at
the phase node falls below ground. Once the lower MOSFET
begins conducting, the current in the upper MOSFET falls to zero
as the current in the lower MOSFET ramps up to assume the full
inductor current. In Equation 23, the required time for this
commutation is t1 and the approximated associated power loss
is PUP,1.
At turn-on, the upper MOSFET begins to conduct and this
transition occurs over a time, t2. In Equation 24, the approximate
power loss is PUP,2.
A third component involves the lower MOSFET’s reverse recovery
charge, Qrr. Since the inductor current has fully commutated to
the upper MOSFET before the lower MOSFET’s body diode can
draw all of Qrr, it is conducted through the upper MOSFET across
VIN. The power dissipated as a result is PUP,3 and is
approximated in Equation 25:
Finally, the resistive part of the upper MOSFET’s is given in
Equation 26 as PUP,4.
The total power dissipated by the upper MOSFET at full load can
now be approximated as the summation of the results from
Equations 23, 24, and 25. Since the power equations depend on
MOSFET parameters, choosing the correct MOSFETs can be an
iterative process involving repetitive solutions to the loss
equations for different MOSFETs and different switching
frequencies, as shown in Equation 26.
Current Sensing Resistor
The resistors connected to the ISEN+ pins determine the gain in
the channel-current balance loop and set the overcurrent trip
point. Select values for these resistors by using Equation 27:
Where RISEN is the sense resistor connected to the ISEN+ pin, N
is the active channel number, RX is the resistance of the current
sense element, either the DCR of the inductor or RSENSE
depending on the sensing method, and IOCP is the desired
overcurrent trip point. Typically, IOCP can be chosen to be 1.2x
the maximum load current of the specific application.
With integrated temperature compensation, the sensed current
signal is independent on the operational temperature of the
PLOW 1
rDS ON

IM
N
------


 2
1d
–

ILP-P

2 1d
–

12
------------------------------------
+
=
(EQ. 21)
PLOW 2
VDON
 fsw
IM
N
------
IP-P
2
----------
+

 t
d1
IM
N
------
IP-P
2
----------
–



td2
+
=
(EQ. 22)
PUP 1, VIN
IM
N
------
IP-P
2
----------
+

 t1
2
----



fS
(EQ. 23)
PUP 2
,
VIN
IM
N
------
IP-P
2
----------
–


 t2
2
----



fS
(EQ. 24)
PUP 3,
VIN Qrr fS
=
(EQ. 25)
PUP 4, rDS ON

IM
N
------


 2
d
IP-P
2
12
----------d
+
(EQ. 26)
RISEN
RX
105 10 6
–
---------------------------
IOCP
N
--------------
=
(EQ. 27)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com