Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6334DIRZ Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6334DIRZ Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button ISL6334DIRZ Datasheet HTML 18Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 19Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 20Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 21Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 22Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 23Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 24Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 25Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ISL6334D
FN6802 Rev 4.00
Page 22 of 28
Apr 29, 2016
When the TM NTC is placed close to the current sense
component (inductor), the temperature of the NTC will track the
temperature of the current sense component. Therefore, the TM
voltage can be utilized to obtain the temperature of the current
sense component.
Based on VCC voltage, the ISL6334D converts the TM pin voltage
to a 6-bit TM digital signal for temperature compensation. With
the non-linear A/D converter of ISL6334D, the TM digital signal is
linearly proportional to the NTC temperature. For accurate
temperature compensation, the ratio of the TM voltage to the
NTC temperature of the practical design should be similar to that
in Figure 16 on page 21.
Depending on the location of the NTC and the airflow, the NTC
may be cooler or hotter than the current sense component. The
TCOMP pin voltage can be utilized to correct the temperature
difference between NTC and the current sense component. When
a different NTC type or different voltage divider is used for the TM
function, the TCOMP voltage can also be used to compensate for
the difference between the recommended TM voltage curve in
Figure 17 on page 21 and that of the actual design. According to
the VCC voltage, ISL6334D converts the TCOMP pin voltage to a
4-bit TCOMP digital signal as TCOMP factor N.
The TCOMP factor N is an integer between 0 and 15. The
integrated temperature compensation function is disabled for
N = 0. For N = 4, the NTC temperature is equal to the
temperature of the current sense component. For N < 4, the NTC
is hotter than the current sense component. The NTC is cooler
than the current sense component for N > 4. When N > 4, the
larger TCOMP factor N is, the larger the difference between the
NTC temperature and the temperature of the current sense
component.
The ISL6334D multiplexes the TCOMP factor N with the TM
digital signal to obtain the adjustment gain to compensate the
temperature impact on the sensed channel current. The
compensated channel current signal is used for IMON and
overcurrent protection functions.
Design Procedure
1. Properly choose the voltage divider for the TM pin to match
the TM voltage vs temperature curve with the recommended
curve in Figure 16.
2. Run the actual board under the full load and the desired
cooling condition.
3. After the board reaches the thermal steady state, record the
temperature (TCSC) of the current sense component (inductor
or MOSFET) and the voltage at the TM and VCC pins.
4. Use Equation 18 to calculate the resistance of the TM NTC,
and find out the corresponding NTC temperature TNTC from
the NTC datasheet.
5. Use Equation 19 to calculate the TCOMP factor N:
6. Choose an integral number close to the above result for the
TCOMP factor. If this factor is higher than 15, use N = 15. If it
is less than 1, use N = 1.
7. Choose the pull-up resistor RTC1 (typical 10kΩ);
8. If N = 15, one does not need the pull-down resistor RTC2. If
otherwise, obtain RTC2 using Equation 20:
9. Run the actual board under full load again with the proper
resistors connected to the TCOMP pin.
10. Record the output voltage as V1 immediately after the output
voltage is stable with the full load. Record the output voltage
as V2 after the VR reaches the thermal steady state.
11. If the output voltage increases over 2mV as the temperature
increases, i.e., V2 - V1 > 2mV, reduce N and redesign RTC2; if
the output voltage decreases over 2mV as the temperature
increases, i.e., V1 - V2 > 2mV, increase N and redesign RTC2.
External Temperature Compensation
By pulling the TCOMP pin to GND, the integrated temperature
compensation function is disabled. In addition, external
temperature compensation network on the IMON pin, shown in
Figure 19, can be used to cancel the temperature impact on the
IMON voltage.
The sensed current will flow out of the IMON pin and develop a
voltage across the resistor equivalent (RIMON). If the resistance on
the IMON pin reduces as the temperature increases, the
temperature impact on the IMON voltage can be compensated. An
NTC resistor can be placed close to the power stage and used to
form a RIMON. Due to the non-linear temperature characteristics of
the NTC, a resistor network is needed to make the equivalent
resistance on the IMON pin reverse proportional to the
temperature.
The external temperature compensation network can only
compensate the temperature impact on the IMON voltage, while it
has no impact to the sensed current inside ISL6334D. Therefore,
this network cannot compensate for the temperature impact on
the overcurrent protection function.
General Design Guide
This design guide is intended to provide a high-level explanation of
the steps necessary to create a multiphase power converter. It is
assumed that the reader is familiar with many of the basic skills
and techniques referenced in the following. In addition to this
guide, Intersil provides complete reference designs, which include
RNTC T
NTC

VTMxRTM1
VCC V
–
TM
--------------------------------
=
(EQ. 18)
N
209x TCSC T
–
NTC

3xTNTC 400
+
-------------------------------------------------------- 4
+
=
(EQ. 19)
RTC2
NxRTC1
15 N
–
-----------------------
=
(EQ. 20)
IM O N
o
C
IS L 6 334 D
IN T E RNAL
CIRCUIT
FIGURE 19. EXTERNAL TEMPERATURE COMPENSATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com