Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS98O02B-PCE Datasheet(PDF) 46 Page - Fortune Semiconductor Corp.

Part # FS98O02B-PCE
Description  8-bit MCU with 2k program EPROM, 128-byte RAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O02B-PCE Datasheet(HTML) 46 Page - Fortune Semiconductor Corp.

Back Button FS98O02B-PCE Datasheet HTML 42Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 43Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 44Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 45Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 46Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 47Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 48Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 49Page - Fortune Semiconductor Corp. FS98O02B-PCE Datasheet HTML 50Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
FS98O02
Rev.1.5
46/50
Flag Affected
None
Description
CPU clock is stopped.
Oscillator is running. CPU
can be waked up by internal
and external interrupt
sources.
Cycle
1
INCF
Increment f
Syntax
INCF
f, d
0
≤ f ≤ FFh
d
∈ [0,1]
Operation
[Destination]
← [f] +1
Flag Affected
Z
Description
[f] is incremented. If d is 0,
the result is stored in the W
register. If d is 1, the result is
stored back in [f].
Cycle
1
Example 1:
INCF
OPERAND,0
Before instruction:
W = 88h, OPERAND =
23h
After instruction:
W = 24h, OPERAND = 23h
Example 2:
INCF
OPERAND,1
Before instruction:
W = 88h, OPERAND =
23h
After instruction:
W = 88h, OPERAND =
24h
INCFSZ
Increment f, skip if zero
Syntax
INCFSZ
f, d
0
≤ f ≤ FFh
d
∈ [0,1]
Operation
[Destination]
← [f] + 1, skip if
the result is zero
Flag Affected
None
Description
[f] is incremented. If d is 0,
the result is stored in the W
register. If d is 1, the result is
stored back in [f].
If the result is 0, then the
next fetched instruction is
discarded and a NOP is
executed instead making it a
two-cycle instruction.
Cycle
1, 2
Example:
Node
INCFSZ
FLAG, 1
OP1
:
OP2
:
Before instruction:
PC = address (Node)
After instruction:
[FLAG] = [FLAG] + 1
If [FLAG] = 0
PC = address(OP2)
If [FLAG]
≠ 0
PC = address(OP1)
IORLW
Inclusive OR literal with W
Syntax
IORLW
k
0
≤ k ≤ FFh
Operation
[W]
← [W] | k
Flag Affected
Z
Description
Inclusive OR the content of
the W register and the
eight-bit literal "k". The result
is stored in the W register.
Cycle
1
Example:
IORLW
85H
Before instruction:
W = 69h
After instruction:
W = EDh
IORWF
Inclusive OR W with f
Syntax
IORWF
f, d
0
≤ f ≤ FFh
d
∈ [0,1]
Operation
[Destination]
← [W] | [f]
Flag Affected
Z
Description
Inclusive OR the content of
the W register and [f]. If d is
0, the result is stored in the
W register. If d is 1, the result
is stored back in [f].
Cycle
1
Example:
IORWF
OPERAND,1
Before instruction:
W = 88h, OPERAND =
23h
After instruction:
W = 88h, OPERAND =
ABh
MOVFW
Move f to W
Syntax
MOVFW
f
0
≤ f ≤ FFh
Operation
[W]
← [f]
Flag Affected
None
Description
Move data from [f] to the W
register.
Cycle
1
Example:
MOVFW
OPERAND
Before instruction:
W = 88h, OPERAND =
23h
After instruction:
W = 23h, OPERAND =
23h
MOVLW
Move literal to W
Syntax
MOVLW
k
0
≤ k ≤ FFh
Operation
[W]
← k
Flag Affected
None
Description
Move the eight-bit literal "k"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com