Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V62/12615-01YE-R Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01YE-R
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01YE-R Datasheet(HTML) 22 Page - Texas Instruments

Back Button V62/12615-01YE-R Datasheet HTML 18Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 19Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 20Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 21Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 22Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 23Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 24Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 25Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
RX_CLK
RXD[0]
RX_DV
Valid data
T2.14.2
T2.14.1
T2.14.1
TX_CLK
TXD[0]
TX_EN
Valid data
T2.13.1
T2.13.2
T2.13.3
T2.13.4
22
DP83848-EP
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Specifications
Copyright © 2012–2019, Texas Instruments Incorporated
4.7.13 10-Mbps Serial Mode Transmit Timing
PARAMETER
DESCRIPTION
NOTES
MIN
TYP
MAX
UNIT
T2.13.1
TX_CLK high time
10-Mbps Serial mode
20
25
30
ns
T2.13.2
TX_CLK low time
10-Mbps Serial mode
70
75
80
ns
T2.13.3
TXD_0, TX_EN data setup to
TX_CLK rise
10-Mbps Serial mode
24.70
ns
T2.13.4
TXD_0, TX_EN data hold from
TX_CLK rise
10-Mbps Serial mode
0
ns
(1)
RX_CLK may be held high for a longer period of time during transition between reference and recovered clocks. Minimum high and low
times will not be violated.
Figure 4-14. 10-Mbps Serial Mode Transmit Timing
4.7.14 10-Mbps Serial Mode Receive Timing
PARAMETER
DESCRIPTION
NOTES(1)
MIN
TYP
MAX
UNIT
T2.14.1
RX_CLK high/low time
35
50
65
ns
T2.14.2
RX_CLK fall to RXD_0, RX_DV
delay
10-Mbps Serial mode
–10
10
ns
Figure 4-15. 10-Mbps Serial Mode Receive Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com