Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V62/12615-01YE-R Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01YE-R
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01YE-R Datasheet(HTML) 30 Page - Texas Instruments

Back Button V62/12615-01YE-R Datasheet HTML 26Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 27Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 28Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 29Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 30Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 31Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 32Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 33Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 98 page
background image
CRS_DV
X1
RXD[1:0]
RX_ER
T2.27.2
T2.27.1
T2.27.2
PMD Input Pair
T2.27.3
T2.27.5
RX_DV
T2.27.2
T2.27.2
IDLE
(J/K)
Data
(TR)
Data
T2.27.4
30
DP83848-EP
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Specifications
Copyright © 2012–2019, Texas Instruments Incorporated
(1)
Per the RMII Specification, output delays assume a 25-pF load.
(2)
CRS_DV is asserted asynchronously in order to minimize latency of control signals through the why. CRS_DV may toggle
synchronously at the end of the packet to indicate CRS deassertion.
(3)
RX_DV is synchronous to X1. While not part of the RMII specification, this signal is provided to simplify recovery of receive data.
4.7.27 RMII Receive Timing
PARAMETER
DESCRIPTION
NOTES(1) (2) (3)
MIN
TYP
MAX
UNIT
T2.27.1
X1 clock period
50-MHz reference clock
20
ns
T2.27.2
RXD[1:0], CRS_DV, RX_DV and
RX_ER output delay from X1 rising
2
14
ns
T2.27.3
CRS ON delay
From JK symbol on PMD receive
pair to initial assertion of
CRS_DV
18.5
bits
T2.27.4
CRS OFF delay
From TR symbol on PMD
receive pair to initial deassertion
of CRS_DV
27
bits
T2.27.5
RXD[1:0] and RX_ER latency
From symbol on receive pair.
Elasticity buffer set to default
value (01).
38
bits
Figure 4-28. RMII Receive Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com