Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V62/12615-01YE-R Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01YE-R
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01YE-R Datasheet(HTML) 80 Page - Texas Instruments

Back Button V62/12615-01YE-R Datasheet HTML 76Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 77Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 78Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 79Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 80Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 81Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 82Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 83Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 98 page
background image
S
2.9
H
diff
o
Z
2Z (1 0.347(e
)
æ
ö
-
ç
÷
è
ø
=
-
S
0.96
H
diff
o
Z
2Z (1 0.48(e
)
æ
ö
-
ç
÷
è
ø
=
-
o
r
60
2H
T
Z
ln 1.98
0.8W
T
E
æ
ö
+
æ
ö
ç
÷
=
ç
÷
ç
÷
+
è
ø
è
ø
80
DP83848-EP
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Application and Implementation
Copyright © 2012–2019, Texas Instruments Incorporated
Figure 6-5. Microstrip Impedance - Single-Ended
Stripline Impedance - Single-Ended:
(3)
Figure 6-6. Stripline Impedance – Single Ended
Microstrip Impedance - Differential:
(4)
Figure 6-7. Microstrip Impedance - Differential
Stripline Impedance - Differential:
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com