Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V62/12615-01YE-R Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01YE-R
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01YE-R Datasheet(HTML) 12 Page - Texas Instruments

Back Button V62/12615-01YE-R Datasheet HTML 8Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 9Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 10Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 11Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 12Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 13Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 14Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 15Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 98 page
background image
12
DP83848-EP
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Specifications
Copyright © 2012–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
4
Specifications
4.1
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
4.2
V
VIN
DC input voltage
–0.5
VCC + 0.5
V
VOUT
DC output voltage
–0.5
VCC + 0.5
V
TSTG
Storage temperature
–65
150
°C
TJ
Operating junction temperature
–55
150
°C
TL
Lead temperature (soldering, 10 seconds)
260
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
4.2
ESD Ratings
RZAP = 1.5 kΩ, CZAP = 100 pF
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
(1)
Provided that Thermal Pad is soldered down.
4.3
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.6
V
TA
Operating free-air temperature(1)
–55
125
°C
PD
Power dissipation
267
mW
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4.4
Thermal Information
THERMAL METRIC(1)
DP83848-EP
UNITS
PHP
PTB
48 PINS
θJA
Junction-to-ambient thermal resistance
35.74
49.0
°C/W
θJCtop
Junction-to-case (top) thermal resistance
21.8
62.9
°C/W
θJB
Junction-to-board thermal resistance
19.5
30.4
°C/W
ψJT
Junction-to-top characterization parameter
1.2
7.3
°C/W
ψJB
Junction-to-board characterization parameter
19.4
30.3
°C/W
θJCbot
Junction-to-case (bottom) thermal resistance
3.2
9.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com