Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V62/12615-01YE-R Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01YE-R
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01YE-R Datasheet(HTML) 83 Page - Texas Instruments

Back Button V62/12615-01YE-R Datasheet HTML 79Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 80Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 81Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 82Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 83Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 84Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 85Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 86Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 98 page
background image
83
DP83848-EP
www.ti.com
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Layout
Copyright © 2012–2019, Texas Instruments Incorporated
8
Layout
8.1
Layout Guidelines
8.1.1
PCB Layout Considerations
Place the 49.9-Ω,1% resistors, and 0.1-µF decoupling capacitor, near the PHYTER TD± and RD± pins
and via directly to the Vdd plane. Stubs should be avoided on all signal traces, especially the differential
signal pairs. See Figure 8-1. Within the pairs (for example, TD+ and TD–) the trace lengths should be run
parallel to each other and matched in length. Matched lengths minimize delay differences, avoiding an
increase in common mode noise and increased EMI. See Figure 8-1.
Figure 8-1. Differential Signal Pair – Stubs
Ideally there should be no crossover or via on the signal paths. Vias present impedance discontinuities
and should be minimized. Route an entire trace pair on a single layer if possible. PCB trace lengths
should be kept as short as possible. Signal traces should not be run such that they cross a plane split.
See Figure 8-2. A signal crossing a plane split may cause unpredictable return path currents and would
likely impact signal quality as well, potentially creating EMI problems.
Figure 8-2. Differential Signal Pair-Plane Crossing
MDI signal traces should have 50 Ω to ground or 100-Ω differential controlled impedance. Many tools are
available online to calculate this.
8.1.2
PCB Layer Stacking
To meet signal integrity and performance requirements, at minimum a four layer PCB is recommended for
implementing PHYTER components in end user systems. The following layer stack-ups are recommended
for four, six, and eight-layer boards, although other options are possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com