Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V62/12615-01YE-R Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01YE-R
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01YE-R Datasheet(HTML) 56 Page - Texas Instruments

Back Button V62/12615-01YE-R Datasheet HTML 52Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 53Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 54Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 55Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 56Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 57Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 58Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 59Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 98 page
background image
Copyright © 2012–2019, Texas Instruments Incorporated
Detailed Description
Submit Documentation Feedback
Product Folder Links: DP83848-EP
56
DP83848-EP
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
www.ti.com
Table 5-8. Register Table (continued)
REGISTER
NAME
ADDRESS
TAG
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT0
EXTENDED REGISTERS
PHY Status
Register
10h
PHYSTS
Re-
served
MDI-X
mode
Rx Err
Latch
Polarity
Status
False
Carrier
Sense
Signal
Detect
Descram
Lock
Page
Receive
MII Inter-
rupt
Remote
Fault
Jabber
Detect
Auto-
Neg
Com-
plete
Loop-
back
Status
Duplex
Status
Speed
Status
Link
Status
MII Interrupt
Control
Register
11h
MICR
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
TINT
INTEN
INT_OE
MII Interrupt
Status and
Misc. Control
Register
12h
MISR
Re-
served
ED_INT
LINK_
INT
SPD_
INT
DUP_
INT
ANC_
INT
FHF_
INT
RHF_
INT
Re-
served
UNMSK
_ ED
UNMSK
_ LINK
UNMSK
_ JAB
UNMSK
_ RF
UNMSK
_ ANC
UNMSK
_ FHF
UNMSK
_ RHF
Reserved
13h
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
False Carrier
Sense
Counter
Register
14h
FCSCR
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
FCSCNT
FCSCNT
FCSCNT FCSCNT
FCSCNT
FCSCNT
FCSCNT
FCSCNT
Receive
Error Counter
Register
15h
RECR
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
RXER-
CNT
RXER-
CNT
RXER-
CNT
RXER-
CNT
RXER-
CNT
RXER-
CNT
RXER-
CNT
RXER-
CNT
PCS Sub-
Layer
Configura-
tion and
Status
Register
16h
PCSR
Re-
served
Re-
served
Re-
served
BYP_4B
5B
Re-
served
TQ_EN
SD_FOR
CE_PMA
SD_
OPTION
DESC_
TIME
Re-
served
FORCE_
100_OK
Re-
served
Re-
served
NRZI_
BYPASS
SCRAM
_
BYPASS
DE
SCRAM
_
BYPASS
RMII and
Bypass
Register
17h
RBR
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
RMII_
MODE
RMII_
REV1_0
RX_OVF
_STS
RX_UNF
_STS
RX_RD_
PTR[1]
RX_RD_
PTR[0]
LED Direct
Control
Register
18h
LEDCR
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
DRV_SP
DLED
DRV_LN
KLED
DRV_AC
TLED
SPDLED
LNKLED
ACTLED
PHY Control
Register
19h
PHYCR
MDIX_E
N
FORCE_
MDIX
PAUSE_
RX
PAUSE_
TX
BIST_fe
PSR_15
BIST_
STATUS
BIST_
START
BP_
STRE-
TCH
LED_
CNFG[1]
LED_
CNFG[0]
PHY
ADDR
PHY
ADDR
PHY
ADDR
PHY
ADDR
PHY
ADDR
10Base-T
Status/
Control
Register
1Ah
10BT_S
ERIAL
10BT_S
ERIAL
REJECT
100
BASE T
ERROR
RANGE
ERROR
RANGE
SQUE-
LCH
SQUE-
LCH
SQUE-
LCH
LOOPBA
CK_10_
DIS
LP_DIS
FORC_
LINK_10
Re-
served
POLARI-
TY
Re-
served
Re-
served
HEART_
DIS
JABBER
_DIS
CD Test
Control and
BIST
Extensions
Register
1Bh
CDCTRL
1
BIST_
ERROR
_COUNT
BIST_
ERROR
_COUNT
BIST_
ERROR
_COUNT
BIST_
ERROR
_COUNT
BIST_
ERROR
_COUNT
BIST_
ERROR
_COUNT
BIST_
ERROR
_COUNT
BIST_
ERROR
_COUNT
Re-
served
Re-
served
BIST_
CONT_
MODE
CDPattE
N_10
Re-
served
10Meg_
Patt_
Gap
CDPatt-
Sel
CDPatt-
Sel
Reserved
1Ch
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served
Re-
served



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com