Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V62/12615-01YE-R Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01YE-R
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01YE-R Datasheet(HTML) 79 Page - Texas Instruments

Back Button V62/12615-01YE-R Datasheet HTML 75Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 76Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 77Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 78Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 79Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 80Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 81Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 82Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 98 page
background image
o
r
87
H
Z
ln 5.98
0.8W
T
E
(1.41)
æ
ö æ
ö
ç
÷
=
ç
÷
ç
÷
+
+
è
ø
è
ø
79
DP83848-EP
www.ti.com
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Application and Implementation
Copyright © 2012–2019, Texas Instruments Incorporated
Table 6-4. Magnetics Requirements
PARAMETER
TYP
UNIT
CONDITION
Turn Ratio
1:1
—
±2%
Insertion Loss
–1
dB
1 MHz to 100 MHz
Return Loss
–16
dB
1 MHz to 30 MHz
–12
dB
30 MHz to 60 MHz
–10
dB
60 MHz to 80 MHz
Differential to Common Rejection Ratio
–30
dB
1 MHz to 50 MHz
–20
dB
50 MHz to 150 MHz
Crosstalk
–35
dB
30 MHz
–30
dB
60 MHz
Isolation
1500
Vrms
HPOT
6.2.2
Detailed Design Procedure
6.2.2.1
MAC Interface (MII/RMII)
The Media Independent Interface (MII) connects the PHYTER component to the Media Access Controller
(MAC). The MAC may in fact be a discrete device, integrated into a microprocessor, CPU or FPGA. On
the MII signals, the IEEE specification states the bus should be 68-Ω impedance. For space critical
designs, the PHYTER family of products also support Reduced MII (RMII). For additional information on
this mode of operation, refer to the AN-1405 DP83848 Single 10/100 Mbps Ethernet Transceiver Reduced
Media Independent Interface (RMII) Mode Application Report (SNLA076).
6.2.2.2
Termination Requirement
To reduce digital signal energy, 50-Ω series termination resistors are recommended for all MII output
signals (including RXCLK, TXCLK, and RX Data signals).
6.2.2.3
Recommended Maximum Trace Length
Although RMII and MII are synchronous bus architectures, there are a number of factors limiting signal
trace lengths. With a longer trace, the signal becomes more attenuated at the destination and thus more
susceptible to noise interference. Longer traces also act as antennas, and if run on the surface layer, can
increase EMI radiation. If a long trace is running near and adjacent to a noisy signal, the unwanted signals
could be coupled in as crosstalk. TI recommends keeping the signal trace lengths as short as possible.
Ideally, keep the traces under 6 inches. Trace length matching, to within 2 inches on the MII or RMII bus
is also recommended. Significant differences in the trace lengths can cause data timing issues. As with
any high-speed data signal, good design practices dictate that impedance should be maintained and stubs
should be avoided throughout the entire data path.
6.2.2.4
Calculating Impedance
Equation 2 through Equation 5 can be used to calculate the differential impedance of the board. For
microstrip traces, a solid ground plane is needed under the signal traces. The ground plane helps keep
the EMI localized and the trace impedance continuous. Because stripline traces are typically sandwiched
between the ground/supply planes, they have the advantage of lower EMI radiation and less noise
coupling. The trade off of using strip line is lower propagation speed.
Microstrip Impedance - Single-Ended:
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com