Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V62/12615-01YE-R Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # V62/12615-01YE-R
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/12615-01YE-R Datasheet(HTML) 43 Page - Texas Instruments

Back Button V62/12615-01YE-R Datasheet HTML 39Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 40Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 41Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 42Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 43Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 44Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 45Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 46Page - Texas Instruments V62/12615-01YE-R Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
43
DP83848-EP
www.ti.com
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Detailed Description
Copyright © 2012–2019, Texas Instruments Incorporated
The DP83848-EP can Auto-Negotiate or parallel detect to a specific technology depending on the receive
signal at the PMD input pair. A valid link can be established for the receiver even when the DP83848-EP
is in Isolate mode.
5.4.5
Half Duplex vs Full Duplex
The DP83848-EP supports both half and full duplex operation at both 10 Mbps and 100 Mbps speeds.
Half-duplex relies on the CSMA/CD protocol to handle collisions and network access. In Half-Duplex
mode, CRS responds to both transmit and receive activity in order to maintain compliance with the IEEE
802.3 specification.
Because the DP83848-EP is designed to support simultaneous transmit and receive activity, it is capable
of supporting full-duplex switched applications with a throughput of up to 200 Mbps per port when
operating in 100BASE-TX. CSMA/CD protocol does not apply to full-duplex operation so DP83848-EP
disables its own internal collision sensing and reporting functions and modifies the behavior of Carrier
Sense (CRS) such that it indicates only receive activity. This allows a full-duplex capable MAC to operate
properly.
All modes of operation (100BASE-TX and 10BASE-T) can run either half-duplex or full-duplex.
Additionally, other than CRS and Collision reporting, all remaining MII signaling remains the same
regardless of the selected duplex mode.
It is important to understand that while Auto-Negotiation with the use of Fast Link Pulse code words can
interpret and configure to full-duplex operation, parallel detection can not recognize the difference between
full and half-duplex from a fixed 10-Mbps or 100-Mbps link partner over twisted pair. As specified in the
802.3u specification, if a far-end link partner is configured to a forced full duplex 100BASE-TX ability, the
parallel detection state machine in the partner would be unable to detect the full duplex capability of the
far-end link partner. This link segment would negotiate to a half duplex 100BASE-TX configuration (same
scenario for 10 Mbps).
5.4.6
Reset Operation
The DP83848-EP includes an internal power-on reset (POR) function and does not need to be explicitly
reset for normal operation after power up. If required during normal operation, the device can be reset by
a hardware or software reset.
5.4.6.1
Hardware Reset
A hardware reset is accomplished by applying a low pulse (TTL level), with a duration of at least 1 µs, to
the RESET_N pin. This will reset the device such that all registers will be reinitialized to default values and
the hardware configuration values will be re-latched into the device (similar to the power-up/reset
operation).
5.4.6.2
Software Reset
A software reset is accomplished by setting the reset bit (bit 15) of the Basic Mode Control Register
(BMCR). The period from the point in time when the reset bit is set to the point in time when software
reset has concluded is approximately 1 µs.
A software reset will reset the device such that all the registers will be re-initialized to default values and
the hardware configuration values will be re-latched into the device. Software driver code must wait 3 µs
following a software reset before allowing further serial MII operations with the DP83848-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com