Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC183X Datasheet(PDF) 149 Page - NXP Semiconductors

Part # LPC183X
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC183X Datasheet(HTML) 149 Page - NXP Semiconductors

Back Button LPC183X Datasheet HTML 145Page - NXP Semiconductors LPC183X Datasheet HTML 146Page - NXP Semiconductors LPC183X Datasheet HTML 147Page - NXP Semiconductors LPC183X Datasheet HTML 148Page - NXP Semiconductors LPC183X Datasheet HTML 149Page - NXP Semiconductors LPC183X Datasheet HTML 150Page - NXP Semiconductors LPC183X Datasheet HTML 151Page - NXP Semiconductors LPC183X Datasheet HTML 152Page - NXP Semiconductors LPC183X Datasheet HTML 153Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 155 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 5.2 — 8 March 2016
149 of 155
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
Modifications:
• Minimum operating voltage changed from 2.2 V to 2.4 V for VDD(REG)(3V3), VDD(IO),
VDDA(3V3), VBAT in Table 11.
• Updated Dynamic characteristics: SSP pins in SPI mode. See Table 27.
• Updated Dynamic characteristics: SD/MMC. See Table 34.
• SPIFI timing data restated for CL = 20 pF in Table 36 “Dynamic characteristics:
SPIFI”.
• SPIFI timing diagram corrected and specified for mode 0. See Table 36 and
Figure 38.
• Table 23 “Dynamic characteristic: I/O pins[1]” added.
• Parameter CI corrected for high-drive pins (changed from 2 pF to 5.2 pF). See
Table 11.
• Internal pull-up resistor configuration added for RESET, WAKEUPn, and ALARM
pins. See Table 3.
• Description of DEBUG pin updated.
• Input range for PLL1 corrected: 1 MHz to 25 MHz. See Section 7.20.7 “System PLL1”.
• Signal polarity corrected for pins EMC_CKEOUT and EMC_DQMOUT. Both signals
are active HIGH.
• Updated USART timing figure. See Figure 29 “USART timing”.
• Updated USART Dynamic characteristics table. See Table 26.
• USB0_VBUS changed to input only. See Table 3 “Pin description”
• SPIFI output timing parameters in Table 36 corrected to apply to Mode 0:
– tv(Q) changed to 3.2 ns.
– th(Q) changed to 0.6 ns,
• Parameter tCSLWEL with condition PB = 1 corrected: (WAITWEN + 1)  Tcy(clk) added.
See Table 28 “Dynamic characteristics: Static asynchronous external memory
interface”.
• Parameter tCSLBLSL with condition PB = 0 corrected: (WAITWEN + 1)  Tcy(clk) added.
See Table 28 “Dynamic characteristics: Static asynchronous external memory
interface”.
• Removed restriction on C_CAN bus usage. See CAN.1 errata in Ref. 2.
• Updated Figure 30, SSP master timing in SPI mode and Figure 31, SSP slave timing
in SPI mode.
• Changed the flash erase time (ter) to 100ms. See Table 15.
• Updated Dynamic characteristics: USB0 and USB1 pins (full-speed). See Table 31.
• Updated Dynamic characteristics: SD/MMC table. See Table 34.
• Updated Table 2: Motor control PWM instead of PWM.
• Added a remark to Table 31.
• Updated Table 13 “BOD static characteristics[1]”. Removed BOD interrupt levels 0
and 1; removed Reset levels 0 and 1. They are not applicable.
LPC185X_3X_2X_1X v.4.1
<tbd>
Product data sheet
-
LPC185X_3X_2X_1X v.4
Table 45.
Revision history …continued
Document ID
Release date Data sheet status
Change notice
Supersedes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com