Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC183X Datasheet(PDF) 151 Page - NXP Semiconductors

Part # LPC183X
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC183X Datasheet(HTML) 151 Page - NXP Semiconductors

Back Button LPC183X Datasheet HTML 147Page - NXP Semiconductors LPC183X Datasheet HTML 148Page - NXP Semiconductors LPC183X Datasheet HTML 149Page - NXP Semiconductors LPC183X Datasheet HTML 150Page - NXP Semiconductors LPC183X Datasheet HTML 151Page - NXP Semiconductors LPC183X Datasheet HTML 152Page - NXP Semiconductors LPC183X Datasheet HTML 153Page - NXP Semiconductors LPC183X Datasheet HTML 154Page - NXP Semiconductors LPC183X Datasheet HTML 155Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 151 / 155 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 5.2 — 8 March 2016
151 of 155
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
LPC1857_53 v.3.1
20120904
Preliminary data sheet
-
LPC1857_53 v.3
Modifications:
• SSP0 boot pin functions added in Table 5 and Table 4. Pin P3_3 = SSP0_SCK, pin
P3_6 = SSP0_SSEL, pin P3_7 = SSP0_MISO, pin P3_8 = SSP0_MOSI.
• Peripheral power consumption data added in Table 12.
• BOD de-assertion levels add in Table 13.
• Minimum value for all supply voltages changed to -0.5 V n Table 7.
LPC1857_53 v.3
20120711
Preliminary data sheet
-
LPC1857_53 v.2
Modifications:
• Data sheet status changed to preliminary.
• AES removed. Available on parts LPC18Sxx only.
• Minimum value of VI for conditions “USB0 pins USB0_DP; USB0_DM; USB0_VBUS”,
“USB0 pins USB0_ID; USB0_RREF”, and “USB1 pins USB1_DP and USB1_DM”
changed to
0.3 V in Table 6.
• Dynamic characteristics of the SD/MMC controller updated in Table 29.
• Dynamic characteristics of the LCD controller updated in Table 30.
• Dynamic characteristics of the SSP controller updated in Table 22.
• Section 10.2 added.
• Table 8 “Thermal resistance value (BGA packages)” added.
• Description of pins USB1_DP and USB1_DM updated in Table 3.
• Editorial updates.
• Parameters IIL and IIH renamed to ILL and ILH in Table 9.
LPC1857_53 v.2
20120515
Objective data sheet
-
LPC1857_53 v.1
LPC1857_53 v.1
20111214
Objective data sheet
-
-
Table 45.
Revision history …continued
Document ID
Release date Data sheet status
Change notice
Supersedes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com