Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC183X Datasheet(PDF) 150 Page - NXP Semiconductors

Part # LPC183X
Description  32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC183X Datasheet(HTML) 150 Page - NXP Semiconductors

Back Button LPC183X Datasheet HTML 146Page - NXP Semiconductors LPC183X Datasheet HTML 147Page - NXP Semiconductors LPC183X Datasheet HTML 148Page - NXP Semiconductors LPC183X Datasheet HTML 149Page - NXP Semiconductors LPC183X Datasheet HTML 150Page - NXP Semiconductors LPC183X Datasheet HTML 151Page - NXP Semiconductors LPC183X Datasheet HTML 152Page - NXP Semiconductors LPC183X Datasheet HTML 153Page - NXP Semiconductors LPC183X Datasheet HTML 154Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 155 page
background image
LPC185X_3X_2X_1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2016. All rights reserved.
Product data sheet
Rev. 5.2 — 8 March 2016
150 of 155
NXP Semiconductors
LPC185x/3x/2x/1x
32-bit ARM Cortex-M3 microcontroller
Modifications:
• Parameter tret (retention time) for EEPROM updated in Table 15.
• Parameter VDDA(3V3) added for pins USB0_VDDA3V3_DRIVER and
USB0_VDDA3V3 in Table 11.
• Parameter name IDD(ADC) changed to IDDA in Table 11.
• Minimum wake-up time from sleep mode added in Table 16.
• Data for IDD(IO) added in Table 11.
• Data sheet status changed to Product data sheet.
• IRC specifications corrected in Table 19 “Dynamic characteristic: IRC oscillator” and
Section 2: Accuracy changed to +/- 3 % over the entire temperature range.
• Bandgap characteristics removed.
• Section 13.7 “Suggested USB interface solutions” added.
• IDD(REG)(3V3) updated in Table 11 “Static characteristics” for the following conditions:
– Active mode: CCLK = 12 MHz; IDD(REG)(3V3) changed from 9.3 mA to 10 mA.
– Active mode: CCLK = 60 MHz; IDD(REG)(3V3) changed from 26 mA to 28 mA.
– Active mode: CCLK = 120 MHz; IDD(REG)(3V3) changed from 46 mA to 51 mA.
– Active mode: CCLK = 180 MHz; IDD(REG)(3V3) changed from 66 mA to 74 mA.
– Sleep mode: CCLK = 12 MHz; IDD(REG)(3V3) changed from 6.2 mA to 8.8 mA.
• Figure 10 to Figure 13 updated.
• General-purpose OTP size corrected.
LPC185X_3X_2X_1X v.4
20121031
Preliminary data sheet
-
LPC1857_53 v.3.2
Modifications:
• Removed TFBGA180 package.
• Parts LPC183x, LPC182x, and LPC181x added.
• LQFP144 and TFBGA100 packages added.
• T = 105 °C data added in Figure 19 to Figure 22.
• Changed symbol names and parameter names in Table 21.
• Parameter ILH updated for condition VI = 5 V and Tamb = 25 °C/105 °C in Table 11.
• Power consumption data added in Section 10.1.
Modifications:
• SPIFI dynamic characteristics added in Section 11.16.
• IRC accuracy corrected to  2 % for Tamb = -40 °C to 0 °C and Tamb = 85 °C to 105 °C.
• Pull-up and Pull-down current data (Figure 23 and Figure 24) updated with data for
Tamb = 105 °C.
• SCT dither engine added and SCT bi-directional event enable features added. See
Section 7.15.1.
• SPIFI maximum data rate changed to 52 MB per second.
• Recommendation for VBAT use added: The recommended operating condition for the
battery supply is VDD(REG)(3V3) > VBAT + 0.2 V. See Table 11, Table note 2.
• Table 14 “Band gap characteristics” added.
• Minimum value for parameter VIL changed to 0 V in Table 11 “Static characteristics”.
• Description of ADC pins on digital/analog input pins changed. Each input to the ADC
is connected to ADC0 and ADC1. See Table 3.
• OTP memory size changed to 64 bit.
• Use of C_CAN peripheral restricted in Section 2.
• ADC channels limited to a total of 8 channels shared between ADC0 and ADC1.
LPC1857_53 v.3.2
20120920
Preliminary data sheet
-
LPC1857_53 v.3.1
Position of index sector in Figure 4 “Pin configuration LQFP208 package” corrected.
Table 45.
Revision history …continued
Document ID
Release date Data sheet status
Change notice
Supersedes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com