Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52318BDFM Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F52318BDFM
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52318BDFM Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F52318BDFM Datasheet HTML 1Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 2Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 3Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 4Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 5Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 6Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 7Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 8Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 170 page
background image
R01DS0261EJ0120 Rev.1.20
Page 3 of 170
Sep 28, 2018
RX230 Group, RX231 Group
1. Overview
Low power
consumption
Low power consumption
functions
• Module stop function
• Three low power consumption modes
Sleep mode, deep sleep mode, and software standby mode
• Low power timer that operates during the software standby state
Function for lower operating
power consumption
• Operating power control modes
High-speed operating mode, middle-speed operating mode, and low-speed operating mode
Interrupt
Interrupt controller (ICUb)
• Interrupt vectors: 167
• External interrupts: 9 (NMI, IRQ0 to IRQ7 pins)
• Non-maskable interrupts: 7 (NMI pin, oscillation stop detection interrupt, voltage monitoring 1
interrupt, voltage monitoring 2 interrupt, WDT interrupt, IWDT interrupt, and VBATT power monitoring
interrupt)
• 16 levels specifiable for the order of priority
External bus extension
• The external address space can be divided into four areas (CS0 to CS3), each with independent
control of access settings.
Capacity of each area: 16 Mbytes (CS0 to CS3)
A chip-select signal (CS0# to CS3#) can be output for each area.
Each area is specifiable as an 8-bit or 16-bit bus space
The data arrangement in each area is selectable as little or big endian (only for data).
Bus format: Separate bus, multiplex bus
• Wait control
• Write buffer facility
DMA
DMA controller (DMACA)
• 4 channels
• Three transfer modes: Normal transfer, repeat transfer, and block transfer
• Activation sources: Software trigger, external interrupts, and interrupt requests from peripheral
functions
Data transfer controller
(DTCa)
• Transfer modes: Normal transfer, repeat transfer, and block transfer
• Activation sources: Interrupts
• Chain transfer function
I/O ports
General I/O ports
100-pin/64-pin/48-pin
I/O: 79/43/30 (RX231 Group), 83/47/34 (RX230 Group)
• Input: 1/1/1
Pull-up resistors: 79/43/30(RX231 Group), 83/47/34 (RX230 Group)
• Open-drain outputs: 58/34/26
• 5-V tolerance: 8/5/5
Event link controller (ELC)
• Event signals of 61 types can be directly connected to the module
• Operations of timer modules are selectable at event input
• Capable of event link operation for port B and port E
Multi-function pin controller (MPC)
Capable of selecting the input/output function from multiple pins
Timers
16-bit timer pulse unit
(TPUa)
• (16 bits × 6 channels) × 1 unit
• Maximum of 16 pulse-input/output possible
• Select from among seven or eight counter-input clock signals for each channel
• Supports the input capture/output compare function
• Output of PWM waveforms in up to 15 phases in PWM mode
• Support for buffered operation, phase-counting mode (two-phase encoder input) and cascade
connected operation (32 bits × 2 channels) depending on the channel.
• Capable of generating conversion start triggers for the A/D converters
• Signals from the input capture pins are input via a digital filter
• Clock frequency measuring method
Multi-function timer pulse
unit 2 (MTU2a)
• (16 bits × 6 channels) × 1 unit
• Up to 16 pulse-input/output lines and three pulse-input lines are available based on the six 16-bit
timer channels
• Select from among eight or seven counter-input clock signals for each channel (PCLK/1, PCLK/4,
PCLK/16, PCLK/64, PCLK/256, PCLK/1024, MTCLKA, MTCLKB, MTCLKC, MTCLKD) other than
channel 5, for which only four signals are available.
• Input capture function
• 21 output compare/input capture registers
• Pulse output mode
• Complementary PWM output mode
• Reset synchronous PWM mode
• Phase-counting mode
• Capable of generating conversion start triggers for the A/D converter
Port output enable 2
(POE2a)
Controls the high-impedance state of the MTU’s waveform output pins
Compare match timer
(CMT)
• (16 bits × 2 channels) × 2 units
• Select from among four clock signals (PCLK/8, PCLK/32, PCLK/128, PCLK/512)
Watchdog timer (WDTA)
• 14 bits x 1 channel
• Select from among six counter-input clock signals (PCLK/4, PCLK/64, PCLK/128, PCLK/512, PCLK/
2048, PCLK/8192)
Table 1.1
Outline of Specifications (2/4)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com