Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52318BDFM Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # R5F52318BDFM
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52318BDFM Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button R5F52318BDFM Datasheet HTML 40Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 41Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 42Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 43Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 44Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 45Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 46Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 47Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 170 page
background image
R01DS0261EJ0120 Rev.1.20
Page 44 of 170
Sep 28, 2018
RX230 Group, RX231 Group
4. I/O Registers
0008 1308h
BSC
Bus Error Status Register 1
BERSR1
8
8
2 ICLK
0008 130Ah
BSC
Bus Error Status Register 2
BERSR2
16
16
2 ICLK
0008 1310h
BSC
Bus Priority Control Register
BUSPRI
16
16
2 ICLK
0008 2000h
DMAC0
DMA Source Address Register
DMSAR
32
32
2 ICLK
0008 2004h
DMAC0
DMA Destination Address Register
DMDAR
32
32
2 ICLK
0008 2008h
DMAC0
DMA Transfer Count Register
DMCRA
32
32
2 ICLK
0008 200Ch
DMAC0
DMA Block Transfer Count Register
DMCRB
16
16
2 ICLK
0008 2010h
DMAC0
DMA Transfer Mode Register
DMTMD
16
16
2 ICLK
0008 2013h
DMAC0
DMA Interrupt Setting Register
DMINT
8
8
2 ICLK
0008 2014h
DMAC0
DMA Address Mode Register
DMAMD
16
16
2 ICLK
0008 2018h
DMAC0
DMA Offset Register
DMOFR
32
32
2 ICLK
0008 201Ch
DMAC0
DMA Transfer Enable Register
DMCNT
8
8
2 ICLK
0008 201Dh
DMAC0
DMA Software Start Register
DMREQ
8
8
2 ICLK
0008 201Eh
DMAC0
DMA Status Register
DMSTS
8
8
2 ICLK
0008 201Fh
DMAC0
DMA Activation Source Flag Control Register
DMCSL
88
2 ICLK
0008 2040h
DMAC1
DMA Source Address Register
DMSAR
32
32
2 ICLK
0008 2044h
DMAC1
DMA Destination Address Register
DMDAR
32
32
2 ICLK
0008 2048h
DMAC1
DMA Transfer Count Register
DMCRA
32
32
2 ICLK
0008 204Ch
DMAC1
DMA Block Transfer Count Register
DMCRB
16
16
2 ICLK
0008 2050h
DMAC1
DMA Transfer Mode Register
DMTMD
16
16
2 ICLK
0008 2053h
DMAC1
DMA Interrupt Setting Register
DMINT
8
8
2 ICLK
0008 2054h
DMAC1
DMA Address Mode Register
DMAMD
16
16
2 ICLK
0008 205Ch
DMAC1
DMA Transfer Enable Register
DMCNT
8
8
2 ICLK
0008 205Dh
DMAC1
DMA Software Start Register
DMREQ
8
8
2 ICLK
0008 205Eh
DMAC1
DMA Status Register
DMSTS
8
8
2 ICLK
0008 205Fh
DMAC1
DMA Activation Source Flag Control Register
DMCSL
88
2 ICLK
0008 2080h
DMAC2
DMA Source Address Register
DMSAR
32
32
2 ICLK
0008 2084h
DMAC2
DMA Destination Address Register
DMDAR
32
32
2 ICLK
0008 2088h
DMAC2
DMA Transfer Count Register
DMCRA
32
32
2 ICLK
0008 208Ch
DMAC2
DMA Block Transfer Count Register
DMCRB
16
16
2 ICLK
0008 2090h
DMAC2
DMA Transfer Mode Register
DMTMD
16
16
2 ICLK
0008 2093h
DMAC2
DMA Interrupt Setting Register
DMINT
8
8
2 ICLK
0008 2094h
DMAC2
DMA Address Mode Register
DMAMD
16
16
2 ICLK
0008 209Ch
DMAC2
DMA Transfer Enable Register
DMCNT
8
8
2 ICLK
0008 209Dh
DMAC2
DMA Software Start Register
DMREQ
8
8
2 ICLK
0008 209Eh
DMAC2
DMA Status Register
DMSTS
8
8
2 ICLK
0008 209Fh
DMAC2
DMA Activation Source Flag Control Register
DMCSL
88
2 ICLK
0008 20C0h
DMAC3
DMA Source Address Register
DMSAR
32
32
2 ICLK
0008 20C4h
DMAC3
DMA Destination Address Register
DMDAR
32
32
2 ICLK
0008 20C8h
DMAC3
DMA Transfer Count Register
DMCRA
32
32
2 ICLK
0008 20CCh
DMAC3
DMA Block Transfer Count Register
DMCRB
16
16
2 ICLK
0008 20D0h
DMAC3
DMA Transfer Mode Register
DMTMD
16
16
2 ICLK
0008 20D3h
DMAC3
DMA Interrupt Setting Register
DMINT
8
8
2 ICLK
0008 20D4h
DMAC3
DMA Address Mode Register
DMAMD
16
16
2 ICLK
0008 20DCh
DMAC3
DMA Transfer Enable Register
DMCNT
8
8
2 ICLK
0008 20DDh
DMAC3
DMA Software Start Register
DMREQ
8
8
2 ICLK
0008 20DEh
DMAC3
DMA Status Register
DMSTS
8
8
2 ICLK
0008 20DFh
DMAC3
DMA Activation Source Flag Control Register
DMCSL
88
2 ICLK
0008 2200h
DMAC
DMA Module Activation Register
DMAST
8
8
2 ICLK
0008 2400h
DTC
DTC Control Register
DTCCR
8
8
2 ICLK
0008 2404h
DTC
DTC Vector Base Register
DTCVBR
32
32
2 ICLK
0008 2408h
DTC
DTC Address Mode Register
DTCADMOD
8
8
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (2/33)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
≥ PCLK
ICLK <PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com