Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52318BDFM Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F52318BDFM
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52318BDFM Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F52318BDFM Datasheet HTML 4Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 5Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 6Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 7Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 8Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 9Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 10Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 11Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 170 page
background image
R01DS0261EJ0120 Rev.1.20
Page 8 of 170
Sep 28, 2018
RX230 Group, RX231 Group
1. Overview
RX231
R5F52316ADFL
R5F52316ADFL#30
PLQP0048KB-B
256 Kbytes
32 Kbytes
8 Kbytes
54 MHz
Not
available
Not
available
Available
−40 to +85°C
R5F52316CDFL
R5F52316CDFL#30
Not
available
Not
available
Not
available
R5F52315ADLA
R5F52315ADLA#20
PTLG0100KA-A
128 Kbytes
32 Kbytes
8 Kbytes
54 MHz
Not
available
Not
available
Available
−40 to +85°C
R5F52315CDLA
R5F52315CDLA#20
Not
available
Not
available
Not
available
R5F52315ADFP
R5F52315ADFP#30
PLQP0100KB-B
Not
available
Not
available
Available
R5F52315CDFP
R5F52315CDFP#30
Not
available
Not
available
Not
available
R5F52315CDLF
R5F52315CDLF#20
PWLG0064KA-A
Not
available
Not
available
Not
available
R5F52315ADND
R5F52315ADND#U0
PWQN0064KC-A
Not
available
Not
available
Available
R5F52315CDND
R5F52315CDND#U0
Not
available
Not
available
Not
available
R5F52315ADFM
R5F52315ADFM#30
PLQP0064KB-C
Not
available
Not
available
Available
R5F52315CDFM
R5F52315CDFM#30
Not
available
Not
available
Not
available
R5F52315ADNE
R5F52315ADNE#U0
PWQN0048KB-A
Not
available
Not
available
Available
R5F52315CDNE
R5F52315CDNE#U0
Not
available
Not
available
Not
available
R5F52315ADFL
R5F52315ADFL#30
PLQP0048KB-B
Not
available
Not
available
Available
R5F52315CDFL
R5F52315CDFL#30
Not
available
Not
available
Not
available
RX230
R5F52306ADLA
R5F52306ADLA#20
PTLG0100KA-A
256 Kbytes
32 Kbytes
8 Kbytes
54 MHz
Not
available
Not
available
Not
available
−40 to +85°C
R5F52306ADFP
R5F52306ADFP#30
PLQP0100KB-B
Not
available
Not
available
Not
available
R5F52306ADLF
R5F52306ADLF#20
PWLG0064KA-A
Not
available
Not
available
Not
available
R5F52306ADND
R5F52306ADND#U0
PWQN0064KC-A
Not
available
Not
available
Not
available
R5F52306ADFM
R5F52306ADFM#30
PLQP0064KB-C
Not
available
Not
available
Not
available
R5F52306ADNE
R5F52306ADNE#U0
PWQN0048KB-A
Not
available
Not
available
Not
available
R5F52306ADFL
R5F52306ADFL#30
PLQP0048KB-B
Not
available
Not
available
Not
available
R5F52305ADLA
R5F52305ADLA#20
PTLG0100KA-A
128 Kbytes
Not
available
Not
available
Not
available
R5F52305ADFP
R5F52305ADFP#30
PLQP0100KB-B
Not
available
Not
available
Not
available
R5F52305ADLF
R5F52305ADLF#20
PWLG0064KA-A
Not
available
Not
available
Not
available
R5F52305ADND
R5F52305ADND#U0
PWQN0064KC-A
Not
available
Not
available
Not
available
R5F52305ADFM
R5F52305ADFM#30
PLQP0064KB-C
Not
available
Not
available
Not
available
R5F52305ADNE
R5F52305ADNE#U0
PWQN0048KB-A
Not
available
Not
available
Not
available
R5F52305ADFL
R5F52305ADFL#30
PLQP0048KB-B
Not
available
Not
available
Not
available
Table 1.3
List of Products: D Version (Ta = –40 to +85°C) (2/2)
Group
Part No.
Order Part No.
Package
ROM
Capacity
RAM
Capacity
E2
DataFlash
Operating
Frequency
Security
Function
SDHI
CAN
Operating
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com