Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52318BDFM Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F52318BDFM
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52318BDFM Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F52318BDFM Datasheet HTML 45Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 46Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 47Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 48Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 49Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 50Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 51Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 52Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 170 page
background image
R01DS0261EJ0120 Rev.1.20
Page 49 of 170
Sep 28, 2018
RX230 Group, RX231 Group
4. I/O Registers
0008 830Dh
RIIC0
Slave Address Register U1
SARU1
8
8
2 or 3 PCLKB
2 ICLK
0008 830Eh
RIIC0
Slave Address Register L2
SARL2
8
8
2 or 3 PCLKB
2 ICLK
0008 830Fh
RIIC0
Slave Address Register U2
SARU2
8
8
2 or 3 PCLKB
2 ICLK
0008 8310h
RIIC0
I2C-Bus Bit Rate Low-Level Register
ICBRL
8
8
2 or 3 PCLKB
2 ICLK
0008 8311h
RIIC0
I2C-Bus Bit Rate High-Level Register
ICBRH
8
8
2 or 3 PCLKB
2 ICLK
0008 8312h
RIIC0
I2C-Bus Transmit Data Register
ICDRT
8
8
2 or 3 PCLKB
2 ICLK
0008 8313h
RIIC0
I2C-Bus Receive Data Register
ICDRR
8
8
2 or 3 PCLKB
2 ICLK
0008 8380h
RSPI0
RSPI Control Register
SPCR
8
8
2 or 3 PCLKB
2 ICLK
0008 8381h
RSPI0
RSPI Slave Select Polarity Register
SSLP
8
8
2 or 3 PCLKB
2 ICLK
0008 8382h
RSPI0
RSPI Pin Control Register
SPPCR
8
8
2 or 3 PCLKB
2 ICLK
0008 8383h
RSPI0
RSPI Status Register
SPSR
8
8
2 or 3 PCLKB
2 ICLK
0008 8384h
RSPI0
RSPI Data Register
SPDR
32
16, 32
2 or 3 PCLKB
2 ICLK
0008 8388h
RSPI0
RSPI Sequence Control Register
SPSCR
8
8
2 or 3 PCLKB
2 ICLK
0008 8389h
RSPI0
RSPI Sequence Status Register
SPSSR
8
8
2 or 3 PCLKB
2 ICLK
0008 838Ah
RSPI0
RSPI Bit Rate Register
SPBR
8
8
2 or 3 PCLKB
2 ICLK
0008 838Bh
RSPI0
RSPI Data Control Register
SPDCR
8
8
2 or 3 PCLKB
2 ICLK
0008 838Ch
RSPI0
RSPI Clock Delay Register
SPCKD
8
8
2 or 3 PCLKB
2 ICLK
0008 838Dh
RSPI0
RSPI Slave Select Negation Delay Register
SSLND
8
8
2 or 3 PCLKB
2 ICLK
0008 838Eh
RSPI0
RSPI Next-Access Delay Register
SPND
8
8
2 or 3 PCLKB
2 ICLK
0008 838Fh
RSPI0
RSPI Control Register 2
SPCR2
8
8
2 or 3 PCLKB
2 ICLK
0008 8390h
RSPI0
RSPI Command Register 0
SPCMD0
16
16
2 or 3 PCLKB
2 ICLK
0008 8392h
RSPI0
RSPI Command Register 1
SPCMD1
16
16
2 or 3 PCLKB
2 ICLK
0008 8394h
RSPI0
RSPI Command Register 2
SPCMD2
16
16
2 or 3 PCLKB
2 ICLK
0008 8396h
RSPI0
RSPI Command Register 3
SPCMD3
16
16
2 or 3 PCLKB
2 ICLK
0008 8398h
RSPI0
RSPI Command Register 4
SPCMD4
16
16
2 or 3 PCLKB
2 ICLK
0008 839Ah
RSPI0
RSPI Command Register 5
SPCMD5
16
16
2 or 3 PCLKB
2 ICLK
0008 839Ch
RSPI0
RSPI Command Register 6
SPCMD6
16
16
2 or 3 PCLKB
2 ICLK
0008 839Eh
RSPI0
RSPI Command Register 7
SPCMD7
16
16
2 or 3 PCLKB
2 ICLK
0008 8410h
IRDA
IrDA Control Register
IRCR
8
8
2 or 3 PCLKB
2 ICLK
0008 8900h
POE
Input Level Control/Status Register 1
ICSR1
16
8, 16
2 or 3 PCLKB
2 ICLK
0008 8902h
POE
Output Level Control/Status Register 1
OCSR1
16
8, 16
2 or 3 PCLKB
2 ICLK
0008 8908h
POE
Input Level Control/Status Register 2
ICSR2
16
8, 16
2 or 3 PCLKB
2 ICLK
0008 890Ah
POE
Software Port Output Enable Register
SPOER
8
8
2 or 3 PCLKB
2 ICLK
0008 890Bh
POE
Port Output Enable Control Register 1
POECR1
8
8
2 or 3 PCLKB
2 ICLK
0008 890Ch
POE
Port Output Enable Control Register 2
POECR2
8
8
2 or 3 PCLKB
2 ICLK
0008 890Eh
POE
Input Level Control/Status Register 3
ICSR3
16
8, 16
2 or 3 PCLKB
2 ICLK
0008 9000h
S12AD
A/D Control Register
ADCSR
16
16
2 or 3 PCLKB
2 ICLK
0008 9004h
S12AD
A/D Channel Select Register A0
ADANSA0
16
16
2 or 3 PCLKB
2 ICLK
0008 9006h
S12AD
A/D Channel Select Register A1
ADANSA1
16
16
2 or 3 PCLKB
2 ICLK
0008 9008h
S12AD
A/D-Converted Value Addition/Average Function Select
Register 0
ADADS0
16
16
2 or 3 PCLKB
2 ICLK
0008 900Ah
S12AD
A/D-Converted Value Addition/Average Function Select
Register 1
ADADS1
16
16
2 or 3 PCLKB
2 ICLK
0008 900Ch
S12AD
A/D-Converted Value Addition/Average Count Select
Register
ADADC
8
8
2 or 3 PCLKB
2 ICLK
0008 900Eh
S12AD
A/D Control Extended Register
ADCER
16
16
2 or 3 PCLKB
2 ICLK
0008 9010h
S12AD
A/D Conversion Start Trigger Select Register
ADSTRGR
16
16
2 or 3 PCLKB
2 ICLK
0008 9012h
S12AD
A/D Conversion Extended Input Control Register
ADEXICR
16
16
2 or 3 PCLKB
2 ICLK
0008 9014h
S12AD
A/D Channel Select Register B0
ADANSB0
16
16
2 or 3 PCLKB
2 ICLK
0008 9016h
S12AD
A/D Channel Select Register B1
ADANSB1
16
16
2 or 3 PCLKB
2 ICLK
0008 9018h
S12AD
A/D Data Duplication Register
ADDBLDR
16
16
2 or 3 PCLKB
2 ICLK
0008 901Ah
S12AD
A/D Temperature Sensor Data Register
ADTSDR
16
16
2 or 3 PCLKB
2 ICLK
0008 901Ch
S12AD
A/D Internal Reference Voltage Data Register
ADOCDR
16
16
2 or 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (7/33)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
≥ PCLK
ICLK <PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com