Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52318BDFM Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # R5F52318BDFM
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52318BDFM Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button R5F52318BDFM Datasheet HTML 53Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 54Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 55Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 56Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 57Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 58Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 59Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 60Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 170 page
background image
R01DS0261EJ0120 Rev.1.20
Page 57 of 170
Sep 28, 2018
RX230 Group, RX231 Group
4. I/O Registers
0008 B305h
SCI12
Receive Data Register
RDR
8
8
2 or 3 PCLKB
2 ICLK
0008 B306h
SCI12
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
2 ICLK
0008 B307h
SCI12
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
2 ICLK
0008 B308h
SCI12
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
2 ICLK
0008 B309h
SCI12
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
2 ICLK
0008 B30Ah
SCI12
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
2 ICLK
0008 B30Bh
SCI12
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
2 ICLK
0008 B30Ch
SCI12
I2C Status Register
SISR
8
8
2 or 3 PCLKB
2 ICLK
0008 B30Dh
SCI12
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
2 ICLK
0008 B30Eh
SCI12
Transmit Data Register HL
TDRHL
16
16
4 or 5 PCLKB
2 ICLK
0008 B30Eh
SCI12
Transmit Data Register H
TDRH
8
8
2 or 3 PCLKB
2 ICLK
0008 B30Fh
SCI12
Transmit Data Register L
TDRL
8
8
2 or 3 PCLKB
2 ICLK
0008 B310h
SCI12
Receive Data Register HL
RDRHL
16
16
4 or 5 PCLKB
2 ICLK
0008 B310h
SCI12
Receive Data Register H
RDRH
8
8
2 or 3 PCLKB
2 ICLK
0008 B311h
SCI12
Receive Data Register L
RDRL
8
8
2 or 3 PCLKB
2 ICLK
0008 B312h
SCI12
Modulation Duty Register
MDDR
8
8
2 or 3 PCLKB
2 ICLK
0008 B320h
SCI12
Extended Serial Module Enable Register
ESMER
8
8
2 or 3 PCLKB
2 ICLK
0008 B321h
SCI12
Control Register 0
CR0
8
8
2 or 3 PCLKB
2 ICLK
0008 B322h
SCI12
Control Register 1
CR1
8
8
2 or 3 PCLKB
2 ICLK
0008 B323h
SCI12
Control Register 2
CR2
8
8
2 or 3 PCLKB
2 ICLK
0008 B324h
SCI12
Control Register 3
CR3
8
8
2 or 3 PCLKB
2 ICLK
0008 B325h
SCI12
Port Control Register
PCR
8
8
2 or 3 PCLKB
2 ICLK
0008 B326h
SCI12
Interrupt Control Register
ICR
8
8
2 or 3 PCLKB
2 ICLK
0008 B327h
SCI12
Status Register
STR
8
8
2 or 3 PCLKB
2 ICLK
0008 B328h
SCI12
Status Clear Register
STCR
8
8
2 or 3 PCLKB
2 ICLK
0008 B329h
SCI12
Control Field 0 Data Register
CF0DR
8
8
2 or 3 PCLKB
2 ICLK
0008 B32Ah
SCI12
Control Field 0 Compare Enable Register
CF0CR
8
8
2 or 3 PCLKB
2 ICLK
0008 B32Bh
SCI12
Control Field 0 Receive Data Register
CF0RR
8
8
2 or 3 PCLKB
2 ICLK
0008 B32Ch
SCI12
Primary Control Field 1 Data Register
PCF1DR
8
8
2 or 3 PCLKB
2 ICLK
0008 B32Dh
SCI12
Secondary Control Field 1 Data Register
SCF1DR
8
8
2 or 3 PCLKB
2 ICLK
0008 B32Eh
SCI12
Control Field 1 Compare Enable Register
CF1CR
8
8
2 or 3 PCLKB
2 ICLK
0008 B32Fh
SCI12
Control Field 1 Receive Data Register
CF1RR
8
8
2 or 3 PCLKB
2 ICLK
0008 B330h
SCI12
Timer Control Register
TCR
8
8
2 or 3 PCLKB
2 ICLK
0008 B331h
SCI12
Timer Mode Register
TMR
8
8
2 or 3 PCLKB
2 ICLK
0008 B332h
SCI12
Timer Prescaler Register
TPRE
8
8
2 or 3 PCLKB
2 ICLK
0008 B333h
SCI12
Timer Count Register
TCNT
8
8
2 or 3 PCLKB
2 ICLK
0008 C000h
PORT0
Port Direction Register
PDR
8
8
2 or 3 PCLKB
2 ICLK
0008 C001h
PORT1
Port Direction Register
PDR
8
8
2 or 3 PCLKB
2 ICLK
0008 C002h
PORT2
Port Direction Register
PDR
8
8
2 or 3 PCLKB
2 ICLK
0008 C003h
PORT3
Port Direction Register
PDR
8
8
2 or 3 PCLKB
2 ICLK
0008 C004h
PORT4
Port Direction Register
PDR
8
8
2 or 3 PCLKB
2 ICLK
0008 C005h
PORT5
Port Direction Register
PDR
8
8
2 or 3 PCLKB
2 ICLK
0008 C00Ah
PORTA
Port Direction Register
PDR
8
8
2 or 3 PCLKB
2 ICLK
0008 C00Bh
PORTB
Port Direction Register
PDR
8
8
2 or 3 PCLKB
2 ICLK
0008 C00Ch
PORTC
Port Direction Register
PDR
8
8
2 or 3 PCLKB
2 ICLK
0008 C00Dh
PORTD
Port Direction Register
PDR
8
8
2 or 3 PCLKB
2 ICLK
0008 C00Eh
PORTE
Port Direction Register
PDR
8
8
2 or 3 PCLKB
2 ICLK
0008 C011h
PORTH
Port Direction Register
PDR
8
8
2 or 3 PCLKB
2 ICLK
0008 C012h
PORTJ
Port Direction Register
PDR
8
8
2 or 3 PCLKB
2 ICLK
0008 C020h
PORT0
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
2 ICLK
0008 C021h
PORT1
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
2 ICLK
0008 C022h
PORT2
Port Output Data Register
PODR
8
8
2 or 3 PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (15/33)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
ICLK
≥ PCLK
ICLK <PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com