Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52318BDFM Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R5F52318BDFM
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52318BDFM Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R5F52318BDFM Datasheet HTML 85Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 86Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 87Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 88Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 89Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 90Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 91Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 92Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 170 page
background image
R01DS0261EJ0120 Rev.1.20
Page 89 of 170
Sep 28, 2018
RX230 Group, RX231 Group
5. Electrical Characteristics
Note 1. When OFS1.(FASTSTUP, LVDAS) bits are 11b.
Note 2. When OFS1.(FASTSTUP, LVDAS) bits are 01b.
Note 3. When OFS1.LVDAS bit is 0.
Note 4. Turn on the power supply voltage according to the normal startup rising gradient because the settings in the OFS1 register are
not read in boot mode.
Figure 5.7
Ripple Waveform
Note:
The recommended capacitance is 4.7 μF. Variations in connected capacitors should be within the above range.
Table 5.13
DC Characteristics (11)
Conditions: 0 V ≤ VCC = VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Power-on VCC rising
gradient
At normal startup*1
SrVCC
0.02
—
20
ms/V
During fast startup time*2
0.02
—
2
Voltage monitoring 0 reset
enabled at startup*3, *4
0.02
—
—
Table 5.14
DC Characteristics (12)
Conditions: 1.8 V ≤ VCC = VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
The ripple voltage must meet the allowable ripple frequency fr (VCC) within the range between the VCC upper limit and lower limit.
When VCC change exceeds VCC ±10%, the allowable voltage change rising/falling gradient dt/dVCC must be met.
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Allowable ripple frequency
fr (VCC)
—
—
10
kHz
Figure 5.7
Vr (VCC) ≤ VCC × 0.2
—
—
1
MHz
Figure 5.7
Vr (VCC) ≤ VCC × 0.08
—
—
10
MHz
Figure 5.7
Vr (VCC) ≤ VCC × 0.06
Allowable voltage change
rising/falling gradient
dt/dVCC
1.0
—
—
ms/V
When VCC change exceeds VCC ±10%
Table 5.15
DC Characteristics (13)
Conditions: 1.8 V ≤ VCC = VCC_USB = AVCC0 ≤ 5.5 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Permissible error of VCL pin external
capacitance
CVCL
1.4
4.7
7.0
μF
Vr (VCC)
VCC
1 / fr (VCC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com