Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52318BDFM Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F52318BDFM
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52318BDFM Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F52318BDFM Datasheet HTML 2Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 3Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 4Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 5Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 6Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 7Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 8Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 9Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 170 page
background image
R01DS0261EJ0120 Rev.1.20
Page 6 of 170
Sep 28, 2018
RX230 Group, RX231 Group
1. Overview
Note 1. Only for chip version B
Table 1.2
Comparison of Functions for Different Packages
Module/Functions
RX230 Group
RX231 Group
100 Pins
64 Pins
48 Pins
100 Pins
64 Pins
48 Pins
External bus
External bus
16 bit
Not supported
16 bit
Not supported
Interrupts
External interrupts
NMI, IRQ0
to IRQ7
NMI, IRQ0,
IRQ1, IRQ4
to IRQ7
NMI, IRQ0,
IRQ1, IRQ4
to IRQ7
NMI, IRQ0
to IRQ7
NMI, IRQ0,
IRQ1, IRQ4
to IRQ7
NMI, IRQ0,
IRQ1, IRQ4
to IRQ7
DMA
DMA controller
4 channels (DMAC0 to DMAC3)
4 channels (DMAC0 to DMAC3)
Data transfer controller
Available
Available
Timers
16-bit timer pulse unit
6 channels (TPU0 to TPU5)
6 channels (TPU0 to TPU5)
Multi-function timer pulse unit 2
6 channels (MTU0 to MTU5)
6 channels (MTU0 to MTU5)
Port output enable 2
POE0# to POE3#, POE8#
POE0# to POE3#, POE8#
8-bit timer
2 channels× 2 units
2 channels× 2 units
Compare match timer
2 channels× 2 units
2 channels× 2 units
Low power timer
1 channel
1 channel
Realtime clock
Available
Not
supported
Available
Not
supported
Watchdog timer
Available
Available
Independent watchdog timer
Available
Available
Communication
functions
Serial communications
interfaces (SCIg)
6 channels
(SCI0, 1, 5,
6, 8, 9)
5 channels
(SCI1, 5, 6,
8, 9)
4 channels
(SCI1, 5, 6,
8)
6 channels
(SCI0, 1, 5,
6, 8, 9)
5 channels
(SCI1, 5, 6,
8, 9)
4 channels
(SCI1, 5, 6,
8)
IrDA interface
1 channel (SCI5)
1 channel (SCI5)
Serial communications
interfaces (SCIh)
1 channel (SCI12)
1 channel (SCI12)
I2C bus interface
1 channel
1 channel
CAN module
Not supported
1 channel*1
Serial peripheral interface
1 channel
1 channel
USB 2.0 host/function module
Not supported
1 channel
Serial sound interface
1 channel
1 channel
SD Host Interface
Not supported
1 channel*1
Not
supported
Capacitive touch sensing unit
24 channels 10 channels
6 channels
24 channels 10 channels
6 channels
12-bit A/D converter
(including high-precision channels)
24 channels
(8
channels)
12 channels
(6
channels)
8 channels
(4
channels)
24 channels
(8
channels)
12 channels
(6
channels)
8 channels
(4
channels)
Temperature sensor
Available
Available
D/A converter
2 channels
Not
supported
2 channels
Not
supported
CRC calculator
Available
Available
Event link controller
Available
Available
Comparator B
4 channels
4 channels
Packages
100-pin
TFLGA
100-pin
LFQFP
64-pin
WFLGA
64-pin
HWQFN
64-pin
LFQFP
48-pin
HWQFN
48-pin
LFQFP
100-pin
TFLGA
100-pin
LFQFP
64-pin
WFLGA
64-pin
HWQFN
64-pin
LFQFP
48-pin
HWQFN
48-pin
LFQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com