Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52318BDFM Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # R5F52318BDFM
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52318BDFM Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button R5F52318BDFM Datasheet HTML 79Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 80Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 81Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 82Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 83Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 84Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 85Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 86Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 170 page
background image
R01DS0261EJ0120 Rev.1.20
Page 83 of 170
Sep 28, 2018
RX230 Group, RX231 Group
5. Electrical Characteristics
Figure 5.2
Voltage Dependency in Middle-Speed Operating Mode (Reference Data)
2.0
2.5
3.0
3.5
4.0
4.5
6.0
5.0
5.5
1.5
VCC (V)
Ta = 105°C, ICLK = 12MHz*2
Ta = 25°C, ICLK = 12MHz*1
Ta = 25°C, ICLK = 8MHz*1
Ta = 25°C, ICLK = 1MHz*1
Ta = 25°C, ICLK = 4MHz*1
20
10
0
Ta = 105°C, ICLK = 8MHz*2
Ta = 105°C, ICLK = 4MHz*2
Ta = 105°C, ICLK = 1MHz*2
Ta = 105°C, ICLK = 12MHz*2
Ta = 25°C, ICLK = 12MHz*1
Ta = 25°C, ICLK = 8MHz*1
Ta = 105°C, ICLK = 8MHz*2
Ta = 25°C, ICLK = 4MHz*1
Ta = 105°C, ICLK = 4MHz*2
Ta = 25°C, ICLK = 1MHz*1
Ta = 105°C, ICLK = 1MHz*2
Note 1. All peripheral operations except any BGO operation are operating normally. Indicates the average of the
typical samples through actual measurement during product evaluation.
Note 2. All peripheral operations except any BGO operation are operating at maximum. Indicates the average of the
upper-limit samples through actual measurement during product evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com