Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C64X-FCP Datasheet(PDF) 6 Page - STMicroelectronics

Part # M24C64X-FCP
Description  64-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64X-FCP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M24C64X-FCP Datasheet HTML 2Page - STMicroelectronics M24C64X-FCP Datasheet HTML 3Page - STMicroelectronics M24C64X-FCP Datasheet HTML 4Page - STMicroelectronics M24C64X-FCP Datasheet HTML 5Page - STMicroelectronics M24C64X-FCP Datasheet HTML 6Page - STMicroelectronics M24C64X-FCP Datasheet HTML 7Page - STMicroelectronics M24C64X-FCP Datasheet HTML 8Page - STMicroelectronics M24C64X-FCP Datasheet HTML 9Page - STMicroelectronics M24C64X-FCP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
4
Features
4.1
Chip enable register
As the M24C64X is delivered in 4-ball WLCSP without chip enable inputs, the device provides a non-volatile 8-bit
register allowing the user to define a configurable device address (CDA) and a software write protection. This
register can be written and read with the device type identifier (1010b) and with a specific address.The description
of the chip enable register is given Table 3.
Table 3. Chip enable register values
bit 7 bit 6 bit 5 bit 4
bit 3
bit 2
bit 1
bit 0
x (1)
x(1)
x(1)
x(1)
C2
C1
C0
b0
Configurable device
address bit
Configurable device
address bit
Configurable device
address bit
SWP: Write protection
activation bit
1. x = Don’t care bits. Factory delivery of the register is X0b
Bit 7:4
Don’t care bits
Bits 3:1
Chip enable address configuration:
•
(b3,b2,b1) = (0,0,0): the chip enable address is 000 (factory delivery value)
•
(b3,b2,b1) = (0,0,1): the chip enable address is 001
•
(b3,b2,b1) = (0,1,0): the chip enable address is 010
•
(b3,b2,b1) = (1,0,0): the chip enable address is 100
•
(b3,b2,b1) = (1,1,0): the chip enable address is 110
•
(b3,b2,b1) = (1,1,1): the chip enable address is 111
•
(b3,b2,b1) = (0,1,1): the chip enable address is 011
•
(b3,b2,b1) = (1,0,1): the chip enable address is 101
Bit 0
Enables or disables the write protection of the memory array:
•
b0 = 0: the whole memory array can be written and read (factory delivery value)
•
b0 = 1: the whole memory array is write protected and is in read-only mode
4.2
Configurable device address
C2, C1 and C0 are defining the chip enable address in the Device Select Code. These bits can be written and re-
configured with a Write command.
Factory delivery value is 000b.
At power up or after reprogramming, the device will load the last configuration of C2, C1 and C0 values.
4.3
Software write protect
In order to prevent unwanted write sequence, the M24C64X offers the SWP feature, which makes it possible to
protect the whole memory content. write operations are disabled (read-only memory) when the SWP is set to 1
(SWP=1b). In the same way, the write operations are enabled when the SWP is set to 0 (SWP=0b).
Factory default values is 0b.
At power up, the device will load the last configuration of the SWP value.
Updating the SWP to a new value is a reversible action: the SWP bit can be updated from 0 to 1 and from 1 to 0.
When SWP is set to '1', device select and address bytes are acknowledged, data bytes are not acknowledged.
M24C64X-FCU M24C64X-FCP
Features
DS12107 - Rev 7
page 6/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com