Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C64X-FCP Datasheet(PDF) 4 Page - STMicroelectronics

Part # M24C64X-FCP
Description  64-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64X-FCP Datasheet(HTML) 4 Page - STMicroelectronics

  M24C64X-FCP Datasheet HTML 1Page - STMicroelectronics M24C64X-FCP Datasheet HTML 2Page - STMicroelectronics M24C64X-FCP Datasheet HTML 3Page - STMicroelectronics M24C64X-FCP Datasheet HTML 4Page - STMicroelectronics M24C64X-FCP Datasheet HTML 5Page - STMicroelectronics M24C64X-FCP Datasheet HTML 6Page - STMicroelectronics M24C64X-FCP Datasheet HTML 7Page - STMicroelectronics M24C64X-FCP Datasheet HTML 8Page - STMicroelectronics M24C64X-FCP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
2
Signal description
2.1
Serial Clock (SCL)
SCL is an input. The signal applied on the SCL input is used to strobe the data available on SDA(in) and to output
the data on SDA(out).
2.2
Serial Data (SDA)
SDA is an input/output used to transfer data in or data out of the device. SDA(out) is an open drain output that
may be wire-OR with other open drain or open collector signals on the bus. A pull-up resistor must be connected
from Serial Data (SDA) to VCC (Figure 12 indicates how to calculate the value of the pull-up resistor).
2.3
VSS (ground)
VSS is the reference for the VCC supply voltage.
2.4
Supply voltage (VCC)
2.4.1
Operating supply voltage (VCC)
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage within the specified
[VCC(min), VCC(max)] range must be applied (see Operating conditions in Section 9 DC and AC parameters). In
order to secure a stable DC supply voltage, it is recommended to decouple the VCC line with a suitable capacitor
(usually from 10 to 100 nF) close to the VCC / VSS package pins.
This voltage must remain stable and valid until the end of the transmission of the instruction and, for a write
instruction, until the completion of the internal write cycle (tW).
2.4.2
Power-up conditions
The VCC voltage has to rise continuously from 0 V up to the minimum VCC operating voltage (see
Table 9. Operating conditions in Section 9 DC and AC parameters).
2.4.3
Device reset
In order to prevent inadvertent write operations during power-up, a power-on-reset (POR) circuit is included.
At power-up, the device does not respond to any instruction until VCC has reached the internal reset threshold
voltage. This threshold is lower than the minimum VCC operating voltage (see Operating conditions in Section
9 DC and AC parameters). When VCC passes over the POR threshold, the device is reset and enters the
Standby Power mode; however, the device must not be accessed until VCC reaches a valid and stable DC voltage
within the specified [VCC(min), VCC(max)] range (see Operating conditions in Section 9 DC and AC parameters).
In a similar way, during power-down (continuous decrease in VCC), the device must not be accessed when VCC
drops below VCC(min). When VCC drops below the power-on-reset threshold voltage, the device stops responding
to any instruction sent to it.
2.4.4
Power-down conditions
During power-down (continuous decrease in VCC), the device must be in the Standby Power mode (mode
reached after decoding a Stop condition, assuming that there is no internal write cycle in progress).
M24C64X-FCU M24C64X-FCP
Signal description
DS12107 - Rev 7
page 4/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com