Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C64X-FCP Datasheet(PDF) 25 Page - STMicroelectronics

Part # M24C64X-FCP
Description  64-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64X-FCP Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M24C64X-FCP Datasheet HTML 21Page - STMicroelectronics M24C64X-FCP Datasheet HTML 22Page - STMicroelectronics M24C64X-FCP Datasheet HTML 23Page - STMicroelectronics M24C64X-FCP Datasheet HTML 24Page - STMicroelectronics M24C64X-FCP Datasheet HTML 25Page - STMicroelectronics M24C64X-FCP Datasheet HTML 26Page - STMicroelectronics M24C64X-FCP Datasheet HTML 27Page - STMicroelectronics M24C64X-FCP Datasheet HTML 28Page - STMicroelectronics M24C64X-FCP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK®
packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions
and product status are available at: www.st.com. ECOPACK® is an ST trademark.
10.1
WLCSP4 (CP) package information
Figure 15. WLCSP- 4 balls, 0.711 x 0.731 mm, 0.4 mm pitch, wafer level chip scale package outline
Orientation reference
Bump
Seating plane
A
A2
A3
aaa
(4X)
eee Z
bbb Z
Y
X
G
G
F
F
F
e
e
A1
Z
DETAIL A
ROTATED 90°
Z
Z
X Y
ØcccⓂ
ØdddⓂ
øb(4x)
DETAIL A
E
D
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1.
Drawing is not to scale.
2.
Dimension is measured at the maximum bump diameter parallel to primary datum Z.
3.
Primary datum Z and seating plane are defined by the spherical crowns of the bump.
4.
Bump position designation per JESD 95-1, SPP-010.
M24C64X-FCU M24C64X-FCP
Package information
DS12107 - Rev 7
page 25/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com