Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C64X-FCP Datasheet(PDF) 30 Page - STMicroelectronics

Part # M24C64X-FCP
Description  64-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64X-FCP Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M24C64X-FCP Datasheet HTML 26Page - STMicroelectronics M24C64X-FCP Datasheet HTML 27Page - STMicroelectronics M24C64X-FCP Datasheet HTML 28Page - STMicroelectronics M24C64X-FCP Datasheet HTML 29Page - STMicroelectronics M24C64X-FCP Datasheet HTML 30Page - STMicroelectronics M24C64X-FCP Datasheet HTML 31Page - STMicroelectronics M24C64X-FCP Datasheet HTML 32Page - STMicroelectronics M24C64X-FCP Datasheet HTML 33Page - STMicroelectronics M24C64X-FCP Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Revision history
Table 20. Document revision history
Date
Revision
Changes
05-Jan-2018
1
Initial release
21-May-2018
2
Updated "Section 1: Description, Figure 1: Logic diagram, Section 6.2: Write operations on chip
enable register", title of "Table 14: DC characteristics", "Table 19: Ordering information scheme."
Added note 5 in "Figure 15: WLCSP - 4 balls, 0.711x0.731 mm, 0.4 mm pitch, ultra ultra-thin wafer
level chip scale grid array package outline",
WLCSP4 (CU) package in cover page and "Section 10.3: WLCSP4 ultra thin package information."
21-Jun-2018
3
Updated title in "Table 18. WLCSP -4 balls, 0.711 x 0.731 mm, 0.4 mm pitch, wafer level chip scale
mechanical data" and in "Figure 18. WLCSP -4 balls, 0.711 x 0.731 mm, 0.4 mm pitch, wafer level
chip scale recommended footprint".
28-Aug-2018
4
Updated "Figure 2: 4-bump WLCSP connections (top view, marking side, with balls on the
underside)", "Figure 10: Read on chip enable register" and "Figure 17: Ultra Thin WLCSP- 4-bump,
0.711 x 0.731 mm, wafer level chip scale package outline."
Updated "Table 2: Signals vs. bump position."
05-Sep-2018
5
Updated Section 1 Description.
Updated Figure 2. 4-bump WLCSP connections.
01-Apr-2019
6
Added device M24C64X-FCP.
Removed device M24C64X-FCV, reference to CP package in cover page and in Table 19. Ordering
information scheme.
Updated Section 10.1 WLCSP4 (CP) package information.
20-Sep-2019
7
Updated Figure 3. Block diagram, Figure 10. Read on chip enable register,
M24C64X-FCU M24C64X-FCP
DS12107 - Rev 7
page 30/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com